Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y92B-P250 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # Y92B-P250
Description  Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Y92B-P250 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button Y92B-P250 Datasheet HTML 5Page - Omron Electronics LLC Y92B-P250 Datasheet HTML 6Page - Omron Electronics LLC Y92B-P250 Datasheet HTML 7Page - Omron Electronics LLC Y92B-P250 Datasheet HTML 8Page - Omron Electronics LLC Y92B-P250 Datasheet HTML 9Page - Omron Electronics LLC Y92B-P250 Datasheet HTML 10Page - Omron Electronics LLC Y92B-P250 Datasheet HTML 11Page - Omron Electronics LLC Y92B-P250 Datasheet HTML 12Page - Omron Electronics LLC Y92B-P250 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
G3NA
9
■ Options (Order Separately)
One-touch Mounting Plate
The One-touch Mounting Plate is used to mount the GN3A to a DIN
Track.
R99-12 FOR G3NA (for the G3NA and G3NE)
• When a Relay is mounted to DIN Track, use it within the rating for a
Relay without a heat sink.
• Use the following DIN Tracks: PFP-100N or PFP-100N2.
Mounting Bracket
Heat Sinks
30
44
Two, M4 mounting
holes for the G3NE
Two, M4 mounting
holes for the G3NA
To mount the Relay to DIN
Track, first mount it to the
One-touch Mounting Plate
and then attach it to the DIN
Track as shown in the
diagram.
To remove the Relay from
the DIN Track, pull down on
the tab with a screwdriver in
the direction of the arrow.
R99-11 (for the G3NA-240B, G3NA-440B(-2))
4.6
56
21
12.5
16
8
4
5
Use Mounting Bracket R99-11 so that the G3NA-240B/-440B can be
mounted with the same pitch as that of the G3N-240B.
5.6
47.6
30
5
4.5
35
±0.2
90
±0.4
Mounting Holes
4.6 dia.
Two, M3 holes
Two, M4 holes
44
max.
47
max.
51
max.
Weight: approx. 200 g
Two, 3.2-dia. holes
Two, 4.4-dia.
or M4 holes
For mounting method, refer to "Precautions for Correct
Use".
For surface mounting, a 30% derating of the load current is required (from the Load Current vs. Ambient Temperature graphs).
Y92B-N50 Heat Sink (for the G3NA-205B, G3NA-210B, G3NA-D210B, G3NA-410B, G3NE-210T(L))
35
30.5
±0.3
100
max.
90
±0.3
77
max.
6


Similar Part No. - Y92B-P250

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92B-P250 OMRON-Y92B-P250 Datasheet
1Mb / 18P
   Solid State Relays G3NA
Y92B-P250NF OMRON-Y92B-P250NF Datasheet
1Mb / 18P
   Solid State Relays G3NA
More results

Similar Description - Y92B-P250

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NA225BAC100120 OMRON-G3NA225BAC100120 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
logo
IXYS Corporation
AN-145 IXYS-AN-145 Datasheet
199Kb / 11P
   Advantages of Solid-State Relays
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
ZETTLER Electronics
R2N ZETTLER-R2N Datasheet
4Mb / 12P
   Relays of general application
R3N ZETTLER-R3N Datasheet
3Mb / 10P
   Relays of general application
R4N ZETTLER-R4N Datasheet
5Mb / 12P
   Relays of general application
RY2 ZETTLER-RY2 Datasheet
501Kb / 5P
   Relays of general application
logo
Omron Electronics LLC
G2R-14-DC5 OMRON-G2R-14-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
G2R-1-E-DC5 OMRON-G2R-1-E-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com