Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-3321 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A22Z-3321
Description  The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3321 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A22Z-3321 Datasheet HTML 1Page - Omron Electronics LLC A22Z-3321 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3321 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3321 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3321 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3321 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3321 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3321 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3321 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
31
Incandescent Lamp
Rated voltage
Rated current
Operating voltage
6VDC
200 mA
5V
14 VAC/DC
80 mA
12 V
28 VAC/DC
40 mA
24 V
130 VAC/DC
20 mA
100 V
Transformer Lighting
Rated voltage
Operational voltage
Applicable lamp (BA8S/13j gold)
110 VAC
95 to 115 VAC
LED Lamp (A22-24Aj)
220 VAC
190 to 230 VAC
a p (
j
)
J
CHARACTERISTICS
Item
Pushbutton switches
Emergency stop switches
Knob-type selector switches Key-type
selector
switch
Non-illuminated
models:
A22-F, A22-T,
A22-G,
A22-S, A22-C,
A22-D,
A22-H, A22-M
Illuminated
models:
A22L-T,
A22L-G,
A22L-H,
A22L-D,
A22L-C
Non-illuminated
models: A22E
Illuminated
models:
A22EL
Non-illuminated
models: A22S
Illuminated
models:
A22W
Non-illuminated
models: A22K
Allowable
operating
f
Mechanical Momentary operation:
60 operations/min max.
30 operations/min max.
Manual release: 30 operations/min max.
Automatic release: 30 operations/min max.
operating
frequency
Electrical
30 operations/min max.
30 operations/min max.
Insulation resistance
100 MΩ min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min between terminals of same polarity
2,500 VAC, 50/60 Hz for 1 min between terminals of different polarity and also between each terminal and
ground
Vibration resistance
(See note 2)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude (malfunction within 1 ms)
Shock
resistance
Mechanical 1,000 m/s2
{100G}
1,000 m/s2
{100G}
1,000 m/s2 {100G}
1,000 m/s2
{100G}
1,000 m/s2
{100G}
1,000 m/s2
{100G}
resistance
Malfunction
(See note 2)
1,000 m/s2
{100G} max.
600 m/s2
{60G} max.
250 m/s2 {25G} max.
1,000 m/s2
{100G} max.
600 m/s2
{60G} max.
1,000 m/s2
{100G} max.
Life
expectancy
Mechanical Momentary operation:
5,000,000 operations min.
Momentary operation:
300,000 operations min.
500,000
operations
min.
100,000
operations
min.
500,000
operations
min.
Electrical
500,000 operations min.
300,000
operations
min.
300,000
operations
min.
500,000
operations
min.
100,000
operations
min.
500,000
operations
min.
Ambient temperature
(See note 1 )
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Operating:
-20°Cto
55°C
(-4°Fto
131°F)
Storage:
-40°Cto
70°C(-40°F
to 158°F)
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Operating:
-20°Cto
55°C (-4°F
to 131°F)
Storage:
-40°Cto
70°C (-40°F
to 158°F)
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Operating:
-20°Cto
55°C(-4°F
to 131°F)
Storage:
-40°Cto
70°C (-40°F
to 158°F)
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Ambient humidity
Operating: 35% to 85%
Degree of protection
IP65
Electric shock protection
class
Class II
Degree of contamination 3 (IEC947-5-1)
Note: 1. With no icing or condensation.
2. Malfunction within 1 ms.


Similar Part No. - A22Z-3321

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3321 OMRON-A22Z-3321 Datasheet
809Kb / 19P
   Specifications Common to All
More results

Similar Description - A22Z-3321

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
   The purpose of this document is to provide information
logo
Freescale Semiconductor...
MC68HC908QB8 FREESCALE-MC68HC908QB8 Datasheet
1Mb / 236P
   To provide the most up-to-date information, the revision of our documents
logo
STMicroelectronics
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
   Following the market launch of the award winning
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
PHOENIX CONTACT
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
   In addition to the basic functions, the Pro version of WebVisit contains the following macros
logo
List of Unclassifed Man...
204P2 ETC1-204P2 Datasheet
6Mb / 41P
   Please visit the product pages on our website for the most up-to-date product information
logo
Altera Corporation
EP3C120F780C8 ALTERA-EP3C120F780C8 Datasheet
836Kb / 34P
   The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com