Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3F2-DS30B4-P1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3F2-DS30B4-P1
Description  Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-DS30B4-P1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3F2-DS30B4-P1 Datasheet HTML 1Page - Omron Electronics LLC E3F2-DS30B4-P1 Datasheet HTML 2Page - Omron Electronics LLC E3F2-DS30B4-P1 Datasheet HTML 3Page - Omron Electronics LLC E3F2-DS30B4-P1 Datasheet HTML 4Page - Omron Electronics LLC E3F2-DS30B4-P1 Datasheet HTML 5Page - Omron Electronics LLC E3F2-DS30B4-P1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-DS30B4-P1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-DS30B4-P1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-DS30B4-P1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Photoelectric sensor
E3F2
1
Photoelectric sensor
E3F2
Threaded Cylindrical Photoelectric
Sensors with Built-in Amplifier for Use
as an Optical Proximity Switch
Features
• M18 DIN-sized cylindrical housing
• Housing materials: plastic, nickel plated brass and stainless
steel
• Axial and radial types (with integrated 90°-optics)
• Enclosure rating IP67
• DC switching types with connectors for easy maintenance
• Full metal plug-in type
• Sensing distance separate types : 7 m, 10 m
• Retroreflective polarizing types: 2 m, 4 m
• Background suppression type: 10 cm
• Long detection distance (0.3 m, 1 m) with sensitivity adjust-
er for diffuse type
• Wide-beam characteristics (10 cm) for diffuse type
• Wide operating voltage range
(10 to 30 VDC or 24 to 240 VAC)
• Short-circuit and reverse connection protection
(DC switching type)
• UL and CSA approved (AC switching types)
• UL listed (DC switching types)


Similar Part No. - E3F2-DS30B4-P1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2-DS30B4-P1 OMRON-E3F2-DS30B4-P1 Datasheet
191Kb / 14P
   M18 Cylindrical Photoelectric
E3F2-DS30B4-P1 OMRON-E3F2-DS30B4-P1 Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
More results

Similar Description - E3F2-DS30B4-P1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F3 OMRON-E3F3 Datasheet
580Kb / 8P
   Threaded Cylindrical Photoelectric Sensor with Built-in Amplifier for Use as an Optical Proximity Sensor High Noise-immunity with Photo-IC Technology
logo
List of Unclassifed Man...
GX-5SU ETC2-GX-5SU Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com