Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC02D2405A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PC02D2405A
Description  1W DC/DC CONVERTER, SIP-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PC02D2405A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PC02D2405A Datasheet HTML 1Page - Delta Electronics, Inc. PC02D2405A Datasheet HTML 2Page - Delta Electronics, Inc. PC02D2405A Datasheet HTML 3Page - Delta Electronics, Inc. PC02D2405A Datasheet HTML 4Page - Delta Electronics, Inc. PC02D2405A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS_PB01S/D_08232012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Maxcapacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
PB01S2412A
12
84
1.5
54
5
78
PB01S2415A
15
67
1
53
5
79
PB01D2405A
±5
±100
±2
58
8
72
PB01D2409A
±9
±56
±1
55
5
76
PB01D2412A
±12
±42
±0.8
53
5
79
PB01D2415A
24
(21.6 ~ 26.4)
±15
±34
±0.7
53
7
5
100*
80
* For each output
P2


Similar Part No. - PC02D2405A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PC02D2405A DELTA-PC02D2405A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
More results

Similar Description - PC02D2405A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com