Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCHP03W8F1503T5E Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MCHP03W8F1503T5E
Description  High Power Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCHP03W8F1503T5E Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MCHP03W8F1503T5E Datasheet HTML 1Page - List of Unclassifed Manufacturers MCHP03W8F1503T5E Datasheet HTML 2Page - List of Unclassifed Manufacturers MCHP03W8F1503T5E Datasheet HTML 3Page - List of Unclassifed Manufacturers MCHP03W8F1503T5E Datasheet HTML 4Page - List of Unclassifed Manufacturers MCHP03W8F1503T5E Datasheet HTML 5Page - List of Unclassifed Manufacturers MCHP03W8F1503T5E Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
High Power Resistors
HP06 Series
Page <6>
25/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Resistor, 10R, 0603 1% 0.125 W
MCHP03W8F100JT5E
Resistor, 12R, 0603 1% 0.125 W
MCHP03W8F120JT5E
Resistor, 15R, 0603 1% 0.125 W
MCHP03W8F150JT5E
Resistor, 18R, 0603 1% 0.125 W
MCHP03W8F180JT5E
Resistor, 22R, 0603 1% 0.125 W
MCHP03W8F220JT5E
Resistor, 27R, 0603 1% 0.125 W
MCHP03W8F270JT5E
Resistor, 33R, 0603 1% 0.125 W
MCHP03W8F330JT5E
Resistor, 39R, 0603 1% 0.125 W
MCHP03W8F390JT5E
Resistor, 47R, 0603 1% 0.125 W
MCHP03W8F470JT5E
Resistor, 56R, 0603 1% 0.125 W
MCHP03W8F560JT5E
Resistor, 68R, 0603 1% 0.125 W
MCHP03W8F680JT5E
Resistor, 82R, 0603 1% 0.125 W
MCHP03W8F820JT5E
Resistor, 100R, 0603 1% 0.125 W
MCHP03W8F1000T5E
Resistor, 120R, 0603 1% 0.125 W
MCHP03W8F1200T5E
Resistor, 150R, 0603 1% 0.125 W
MCHP03W8F1500T5E
Resistor, 180R, 0603 1% 0.125 W
MCHP03W8F1800T5E
Resistor, 220R, 0603 1% 0.125 W
MCHP03W8F2200T5E
Resistor, 270R, 0603 1% 0.125 W
MCHP03W8F2700T5E
Resistor, 330R, 0603 1% 0.125 W
MCHP03W8F3300T5E
Resistor, 390R, 0603 1% 0.125 W
MCHP03W8F3900T5E
Resistor, 470R, 0603 1% 0.125 W
MCHP03W8F4700T5E
Resistor, 560R, 0603 1% 0.125 W
MCHP03W8F5600T5E
Resistor, 680R, 0603 1% 0.125 W
MCHP03W8F6800T5E
Resistor, 820R, 0603 1% 0.125 W
MCHP03W8F8200T5E
Resistor, 1K, 0603 1% 0.125 W
MCHP03W8F1001T5E
Resistor, 1K2, 0603 1% 0.125 W
MCHP03W8F1201T5E
Resistor, 1K5, 0603 1% 0.125 W
MCHP03W8F1501T5E
Resistor, 1K8, 0603 1% 0.125 W
MCHP03W8F1801T5E
Resistor, 2K2, 0603 1% 0.125 W
MCHP03W8F2201T5E
Resistor, 2K7, 0603 1% 0.125 W
MCHP03W8F2701T5E
Resistor, 3K3, 0603 1% 0.125 W
MCHP03W8F3301T5E
Resistor, 3K9, 0603 1% 0.125 W
MCHP03W8F3901T5E
Resistor, 4K7, 0603 1% 0.125 W
MCHP03W8F4701T5E
Resistor, 5K6, 0603 1% 0.125 W
MCHP03W8F5601T5E
Resistor, 6K8, 0603 1% 0.125 W
MCHP03W8F6801T5E
Resistor, 8K2, 0603 1% 0.125 W
MCHP03W8F8201T5E
Resistor, 10K, 0603 1% 0.125 W
MCHP03W8F1002T5E
Description
Part Number
Resistor, 12K, 0603 1% 0.125 W
MCHP03W8F1202T5E
Resistor, 15K, 0603 1% 0.125 W
MCHP03W8F1502T5E
Resistor, 18K, 0603 1% 0.125 W
MCHP03W8F1802T5E
Resistor, 22K, 0603 1% 0.125 W
MCHP03W8F2202T5E
Resistor, 27K, 0603 1% 0.125 W
MCHP03W8F2702T5E
Resistor, 33K, 0603 1% 0.125 W
MCHP03W8F3302T5E
Resistor, 39K, 0603 1% 0.125 W
MCHP03W8F3902T5E
Resistor, 47K, 0603 1% 0.125 W
MCHP03W8F4702T5E
Resistor, 56K, 0603 1% 0.125 W
MCHP03W8F5602T5E
Resistor, 68K, 0603 1% 0.125 W
MCHP03W8F6802T5E
Resistor, 82K, 0603 1% 0.125 W
MCHP03W8F8202T5E
Resistor, 100K, 0603 1% 0.125 W
MCHP03W8F1003T5E
Resistor, 120K, 0603 1% 0.125 W
MCHP03W8F1203T5E
Resistor, 150K, 0603 1% 0.125 W
MCHP03W8F1503T5E
Resistor, 180K, 0603 1% 0.125 W
MCHP03W8F1803T5E
Resistor, 220K, 0603 1% 0.125 W
MCHP03W8F2203T5E
Resistor, 270K, 0603 1% 0.125 W
MCHP03W8F2703T5E
Resistor, 330K, 0603 1% 0.125 W
MCHP03W8F3303T5E
Resistor, 390K, 0603 1% 0.125 W
MCHP03W8F3903T5E
Resistor, 470K, 0603 1% 0.125 W
MCHP03W8F4703T5E
Resistor, 560K, 0603 1% 0.125 W
MCHP03W8F5603T5E
Resistor, 680K, 0603 1% 0.125 W
MCHP03W8F6803T5E
Resistor, 820K, 0603 1% 0.125 W
MCHP03W8F8203T5E
Resistor, 1M, 0603 1% 0.125 W
MCHP03W8F1004T5E
Resistor, 1M2, 0603 1% 0.125 W
MCHP03W8F1204T5E
Resistor, 1M5, 0603 1% 0.125 W
MCHP03W8F1504T5E
Resistor, 1M8, 0603 1% 0.125 W
MCHP03W8F1804T5E
Resistor, 2M2, 0603 1% 0.125 W
MCHP03W8F2204T5E
Resistor, 2M7, 0603 1% 0.125 W
MCHP03W8F2704T5E
Resistor, 3M3, 0603 1% 0.125 W
MCHP03W8F3304T5E
Resistor, 3M9, 0603 1% 0.125 W
MCHP03W8F3904T5E
Resistor, 4M7, 0603 1% 0.125 W
MCHP03W8F4704T5E
Resistor, 5M6, 0603 1% 0.125 W
MCHP03W8F5604T5E
Resistor, 6M8, 0603 1% 0.125 W
MCHP03W8F6804T5E
Resistor, 8M2, 0603 1% 0.125 W
MCHP03W8F8204T5E
Resistor, 10M, 0603 1% 0.125 W
MCHP03W8F1005T5E


Similar Part No. - MCHP03W8F1503T5E

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MCHP TTELEC-MCHP Datasheet
217Kb / 2P
   Excellent surge capability
More results

Similar Description - MCHP03W8F1503T5E

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
   High Power Resistors
1773285 MACOM-1773285 Datasheet
255Kb / 3P
   High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
   High Power Resistors
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
   High Power Resistors
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
   High Power Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com