Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-3333 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A22Z-3333
Description  The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3333 Datasheet(HTML) 3 Page - Omron Electronics LLC

  A22Z-3333 Datasheet HTML 1Page - Omron Electronics LLC A22Z-3333 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3333 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3333 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3333 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3333 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3333 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3333 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3333 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
32
J
OPERATING CHARACTERISTICS (FOR SPST-NO/SPST-NC)
Item
Pushbutton
switches
Emergency stop
switches
Knob-type selector switch
Key-type selector switch
Illuminated
Non-illuminated
Pushbutton
Switches
Push-lock
turn-reset
system
Manual release
Automatic
release
Manual release
Automatic
release
A22-F, A22-G,
A22-C, A22-S,
A22-T, A22-H,
A22-D, A22-M,
A22L-T, A22L-H,
A22L-D, A22L-G,
A22L-C
A22E
A22S, A22W
A22S, A22W
A22K
Totaltravelforce
(TTF) max.
29.4 N {3.0 kgf}
44.1 N {4.5 kgf}
0.34 N S m
{3.5 kgf S cm}
(See note)
0.25 N S m
{2.5 kgf S cm} for
two position
(See note)
0.34 N {3.5 gf}
(See note)
0.25 N S m
{2.5 kgf S cm} for
three position
(See note)
0.34 N S m
{3.5 kgf S cm} for
three position
0.34 N S m
{3.5 kgf S cm} for
three position
Total travel
(TT)
5.5 mm max.
10±1mm
Approx. 90° for two position
(Approx. 45° for three position)
Approx. 90° for two position
Releasing force
(RF) min.
0.25 N S mmax.
{2.5 kgf S cm}
(See note)
0.34 N S mmax.
{3.5 kgf S cm}
(See note)
0.34 N S mmax.
{3.5 kgf S cm}
(See note)
Note: Rotation torque for Emergency Stop Pushbutton, Knob-type Selector, and Key-type Selector Switches.
Accessories (Order Separately)
Item
Appearance
Classification
Remarks
Part number
Contact Blocks
SPST-NO
General-pur-
pose load
Provided as standard. Order
Contact Blocks only when
ddi
l i
h
A22-10
Microload
Contact Blocks only when
adding or replacing them.
A22-10S
SPST-NC
General-pur-
pose load
A22-01
Microload
A22-01S
DPST-NO
General-pur-
pose load
A22-20
Microload
A22-20S
DPST-NC
General-pur-
pose load
A22-02
Microload
A22-02S
Lamp Sockets
Direct lighting
Used when changing the light-
i
th d
A22-TN
p
Transformer
ill
i ti
110 VAC
g g
g
ing method.
A22-T1
illumination
220 VAC
A22-T2
Mounting Latches
For momentary models
Provided as standard. Order
Mounting Latches only when
mounting Contact Blocks or
Lamp Sockets that are pur-
chased individually.
A22-3200
Legend
l
Standard
i
With Snap-in
L
d Pl
White
Snap-in Legend Plate is acrylic.
A22Z-3321
g
plate
frames
size
p
Legend Plate
(Without text)
Red
p
g
y
A22Z-3322
frames
(Without text)
Black
A22Z-3323
Without Snap-in Legend Plate
A22Z-3320
Large
i
With Snap-in
L
d Pl
White
A22Z-3331
g
size
p
Legend Plate
(Without text)
Red
A22Z-3332
(Without text)
Black
A22Z-3333
Without Snap-in Legend Plate
A22Z-3330
(This table continues on the next page.)


Similar Part No. - A22Z-3333

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3333 OMRON-A22Z-3333 Datasheet
809Kb / 19P
   Specifications Common to All
More results

Similar Description - A22Z-3333

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
   The purpose of this document is to provide information
logo
Freescale Semiconductor...
MC68HC908QB8 FREESCALE-MC68HC908QB8 Datasheet
1Mb / 236P
   To provide the most up-to-date information, the revision of our documents
logo
STMicroelectronics
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
   Following the market launch of the award winning
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
PHOENIX CONTACT
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
   In addition to the basic functions, the Pro version of WebVisit contains the following macros
logo
List of Unclassifed Man...
204P2 ETC1-204P2 Datasheet
6Mb / 41P
   Please visit the product pages on our website for the most up-to-date product information
logo
Altera Corporation
EP3C120F780C8 ALTERA-EP3C120F780C8 Datasheet
836Kb / 34P
   The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com