Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA6AEB102X Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERA6AEB102X
Description  Metal Film Chip Resistors, High Reliability Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA6AEB102X Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERA6AEB102X Datasheet HTML 1Page - Panasonic Semiconductor ERA6AEB102X Datasheet HTML 2Page - Panasonic Semiconductor ERA6AEB102X Datasheet HTML 3Page - Panasonic Semiconductor ERA6AEB102X Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film Chip Resistors, High Reliability Type
E
1
R
2
A
3
3
4
A
5
E
6
B
7
1
8
0
9
2
10
V
11
Metal Film
Chip Resistors
Product Code
Size, Power Rating
Type: inches Power Rating
0.063 W
0.1 W
0.125 W
0.25 W
Temperature Coefficient
Code
R
P
E
H
K
±10 10–6/°C (ppm/°C)
±15 10–6/°C (ppm/°C)
±25 10–6/°C (ppm/°C)
±50 10–6/°C (ppm/°C)
±100 10–6/°C (ppm/°C)
Resistance Tolerance
Code
W
B
D
Tolerance
±0.05 %
±0.1 %
±0.5 %
Resistance Value
The first two digits are significant figures of resistance
and the third one denotes number of zeros following.
(ex.) 102:1k
Packaging Methods
Code
X
V
Packaging
Type
T.C.R.
2A : 0402
3A : 0603
6A : 0805
8A : 1206
Punched Carrier
Taping (2 mm pitch)
Punched Carrier
Taping (4 mm pitch)
ERA2A
ERA3A
ERA6A
ERA8A
a
b
t
W
L
Metal Film Chip Resistors,
High Reliability Type
0402, 0603, 0805, 1206
Type:
ERA 2A, 3A, 6A, 8A
Features
● High reliability ...............Stable at high temperature and humidity
(85 °C 85 %RH rated load, Category temperature range : –55 to +155 °C)
● High accuracy ..............Small resistance tolerance and Temperature Coefficient of Resistance
● High performance.........Low current noise, excellent non-linearity
● Reference Standard......IEC 60115-8, JIS C 5201-8, EIAJ RC-2133A
Explanation of Part Numbers
Dimensions in mm (not to scale)
Construction
Protective coating
Alumina substrate
Electrode (Inner)
Electrode
(Between)
High reliability
metal film
Electrode (Outer)
Type
(inches)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERA2A
(0402)
1.00
±0.10
0.50
+0.10
0.15
±0.10
0.25
±0.10
0.35
±0.05
0.6
ERA3A
(0603)
1.60
±0.20
0.80
±0.20
0.30
±0.20
0.30
±0.20
0.45
±0.10
2
ERA6A
(0805)
2.00
±0.20
1.25
±0.10
0.40
±0.25
0.40
±0.25
0.50
±0.10
4
ERA8A
(1206)
3.20
±0.20
1.60
±0.10
0.50
±0.25
0.50
±0.25
0.60
±0.10
8
–0.05
Mar. 2009


Similar Part No. - ERA6AEB102X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA6AEB102X PANASONIC-ERA6AEB102X Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA6AEB102X PANASONIC-ERA6AEB102X Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA6AEB102X PANASONIC-ERA6AEB102X Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA6AEB102X PANASONIC-ERA6AEB102X Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA6AEB102X PANASONIC-ERA6AEB102X Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
More results

Similar Description - ERA6AEB102X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA3AEB1961V PANASONIC-ERA3AEB1961V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA3ARB103P PANASONIC-ERA3ARB103P Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA-3AEB333V PANASONIC-ERA-3AEB333V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA3ARB104P PANASONIC-ERA3ARB104P Datasheet
187Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA-3AEB274V PANASONIC-ERA-3AEB274V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
ERA6AEB302V PANASONIC-ERA6AEB302V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Battery Group
ERA3AEB2321V PANASONICBATTERY-ERA3AEB2321V Datasheet
189Kb / 4P
   Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Semiconductor
ERA-6AEB514V PANASONIC-ERA-6AEB514V Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-6ARB113V PANASONIC-ERA-6ARB113V Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA-3AEB9761V PANASONIC-ERA-3AEB9761V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com