Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6Z-1F-A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6Z-1F-A
Description  Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6Z-1F-A Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6Z-1F-A Datasheet HTML 1Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 2Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 3Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 4Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 5Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 6Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 7Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 8Page - Omron Electronics LLC G6Z-1F-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
112
High-frequency Relay
G6Z
Application Examples
These Relays can be used for switching signals in media equipment.
• Wire communications:
Cable TV (STB and broadcasting infrastructure), cable modems, and VRS (video response systems)
• Wireless communications:
Transceivers, ham radios, ETC, ITS, high-level TV, satellite broadcasting, text multiplex broadcasting, mobile phone
stations, TV broadcasting facilities, community antenna systems and car navigation systems
• Entertainment equipment:
TVs, video games, satellite radio units,
• Industrial equipment:
Measuring equipment, test equipment, and multiplex transmission devices
Specifications
■ Contact Ratings
Note: This value is for an impedance of 50
Ω or 75 Ω with a V.S.W.R. of 1.2 max.
■ High-frequency Characteristics
Note: 1. The above values are initial values.
2. These values are for an impedance of 50
Ω or 75 Ω with a V.S.W.R. of 1.2 max.
Load type
Resistive load
Contact Material
Au clad Cu alloy
Rated load
10 mA at 30 VAC; 10 mA at 30 VDC; 10 W at 900 MHz (See note)
Rated carry current
0.5 A
Max. switching voltage
30 VAC, 30 VDC
Max. switching current
0.5 A
Frequency
900 MHz
2.6 GHz
Terminal type
Through hole
Surface mount
Through hole
Surface mount
Terminal structure
E-shape
Y-shape
E-shape
Y-shape
E-shape
Y-shape
E-shape
Y-shape
Isolation
75
Ω
65 dB min.
60 dB min.
35 dB min. 45 dB min. 30 dB min. 40 dB min.
50
Ω
60 dB min.
Insertion loss (not
including substrate loss)
75
Ω
0.2 dB max.
0.5 dB max.
50
Ω
0.1 dB max.
0.3 dB max.
V.S.W.R.
75
Ω
1.2 max.
1.5 max.
50
Ω
1.1 max.
1.3 max.
Return loss
75
Ω
20.8 dB max.
14.0 dB max.
50
Ω
26.4 dB max.
17.7 dB max.
Maximum carry power
10 W (See note 2)
Maximum switching power
10 W (See note 2)


Similar Part No. - G6Z-1F-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Z-1F-A OMRON-G6Z-1F-A Datasheet
1Mb / 18P
   High-frequency Relay
More results

Similar Description - G6Z-1F-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6K-2F-RF OMRON-G6K-2F-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Omron Electronics LLC
G6K-2F-RF-V OMRON-G6K-2F-RF-V Datasheet
545Kb / 7P
   8-GHz Band Miniature DPDT High Frequency Relay for High-speed Differential Transmission Signal Switching
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
logo
Pasternack Enterprises,...
PE2229-30 PASTERNACK-PE2229-30 Datasheet
262Kb / 1P
   HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 2.6-5.2 GHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF16082G6W0T WALSIN-RFLPF16082G6W0T Datasheet
521Kb / 7P
   2.6 GHz WiMAX / LTE Bands Working Frequency
logo
California Eastern Labs
UPG2159T5K CEL-UPG2159T5K Datasheet
253Kb / 11P
   L,S-BAND MINIATURE SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com