Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-3901 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # A22Z-3901
Description  The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3901 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button A22Z-3901 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 9Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
35
A22N-jjj
12 3
Code Material
P
Plastic
M
Metal
Code Shape
X
Shield
R
Rectangular
S
Square
A22N-PRj
A22N-PSj
A22N-PXj
A22N-MRj
A22N-PE
J
NAMEPLATE NOMENCLATURE
Note: To complete the part number of the stan-
dard nameplates, select the plate type and
add the number from the table below.
Example: Plastic Square Nameplate en-
graved “Reset” A22N-PS38
1
AUTO
30
ON
106
HIGH-LOW
150
AUTO-MAN-
OFF
175
START-JOG-STOP
2
CLOSE
31
OPEN
107
INCH-REVERSE
151
AUTO-OFF-HAND
176
START-RUN-STOP
3
CYCLE START
32
OUT
108
JOG-FOR
152
AUTO-OFF-MAN
177
UP-OFF-DOWN
4
CYCLE STOP
33
POWER ON
109
JOG-REV
153
CLOSE-OFF-OPEN
178
1-OFF-2
5
DECREASE
34
PULL TO START
110
JOG-RUN
154
DOWN-OFF-SLOW
179
HAND-OFF-AUTO
6
DOWN
35
PUSH TO TEST
111
LEFT-RUN
155
FAST-OFF-SLOW
180
7
EMERG.STOP (red)
36
PUSH TO STOP
112
LOWER-RAISE
156
FOR-OFF-REV
181
8
FAST
37
RAISE
113
MAN-AUTO
157
FOR-STOP-REV
182
9
FAULT
38
RESET
114
OFF-ON
158
HIGH-LOW-OFF
183
10
FEED
39
REVERSE
115
ON-OFF
159
HIGH-OFF-LOW
184
11
FEED START
40
RIGHT
116
OPEN-CLOSE
160
JOG-SAFE-RUN
185
12
FEED STOP
41
RUN
117
RAISE-LOWER
161
JOG-STOP-RUN
186
13
FLUID LEVEL LOW
42
SLOW
118
REV-FOR
162
LEFT-OFF-RIGHT
187
I-II-III
14
FORWARD
43
SPEED
119
RUN-INCH
163
LOC-OFF-REMOTE
188
III
15
FULL SPEED
44
START
120
RUN-JOG
164
LOW-OFF-HIGH
190
60 MM E-STOP
16
HAND
45
STOP
121
RUN-SAFE
165
LOWER-
OFF-RAISE
191
90 MM E-STOP
17
HIGH
46
TEST
122
SAFE-RUN
166
OFF COOLANT ON
200
BLANK
NAMEPLATE
18
IN
47
UP
123
SLOW-FAST
167
OFF-LOC-REMOTE
200E
SPECIAL
ENGRAVING
19
INCH
48
1ST SPEED
124
START-JOG
168
OFF-MAN-AUTO
20
INCREASE
49
2ND SPEED
125
START-STOP
169
OFF-SLOW-FAST
21
JOG
50
3RD SPEED
126
STOP-START
170
OFF-1-2
22
JOG FORWARD
51
4TH SPEED
127
SUMMER-WINTER
171
OPEN-OFF-CLOSE
23
LEFT
100
AUTO-MAN
128
UP-DOWN
172
RAISE-OFF-
LOWER
24
LOW
101
CLOSE-OPEN
173
SLOW-OFF-FAST
25
LOW SPEED
102
DOWN-UP
174
SLOW-OFF-START
26
LOWER
103
FAST-SLOW
27
MOTOR RUN
104
FOR-REV
28
MOTOR STOP
105
HAND-AUTO
29
OFF
Note: All plastic name plates are adhesive backed, contain beveled edges and are supplied standard with white lettering on black back-
ground. Any deviation from items listed here will be a special order. Contact Omron.


Similar Part No. - A22Z-3901

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3901 OMRON-A22Z-3901 Datasheet
771Kb / 21P
   Install in 22-dia. or 25-dia. Panel Cutout
More results

Similar Description - A22Z-3901

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
   The purpose of this document is to provide information
logo
Freescale Semiconductor...
MC68HC908QB8 FREESCALE-MC68HC908QB8 Datasheet
1Mb / 236P
   To provide the most up-to-date information, the revision of our documents
logo
STMicroelectronics
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
   Following the market launch of the award winning
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
PHOENIX CONTACT
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
   In addition to the basic functions, the Pro version of WebVisit contains the following macros
logo
List of Unclassifed Man...
204P2 ETC1-204P2 Datasheet
6Mb / 41P
   Please visit the product pages on our website for the most up-to-date product information
logo
Altera Corporation
EP3C120F780C8 ALTERA-EP3C120F780C8 Datasheet
836Kb / 34P
   The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com