Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4802LYDWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ4802LYDWRG4
Description  PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4802LYDWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ4802LYDWRG4 Datasheet HTML 1Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 2Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 3Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 4Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 5Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 6Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 7Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 8Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
bq4802Y
bq4802LY
SLUS464C – AUGUST 2000 – REVISED JUNE 2002
www.ti.com
4
AC TEST CONDITIONS, INPUT PULSE LEVELS VI = 0 V to 3.0 V, tR = tF = 5 NS, VREF = 1.5 V
Figure 1. Output Load A
3 V
100 pF
DOUT
510
962
Figure 2. Output Load B
3 V
5 pF
DOUT
510
962
OPERATING CHARACTERISTICS
READ CYCLE (TA = TOPR, VCC = 5 V)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tRC
Read cycle time
200
ns
tAA
Address access time
Output load A
100
ns
tACS
Chip select access time
Output load A
100
ns
tOE
Output enable to output valid
Output load A
100
ns
tCLZ
Chip select to output low Z
Output load B
8
ns
tOLZ
Output enable until output low Z
Output load B
0
ns
tCHZ
Output enable until output high Z
Output load B
0
45
ns
tOHZ
Output disable until output high Z
Output load B
0
45
ns
tOH
Output hold from address change
Output load A
10
ns
READ CYCLE (TA = TOPR, VCC = 3.3 V)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tRC
Read cycle time
300
ns
tAA
Address access time
Output load A
150
ns
tACS
Chip select access time
Output load A
150
ns
tOE
Output enable to output valid
Output load A
150
ns
tCLZ
Chip select to output low Z
Output load B
15
ns
tOHL
Output enable until output low Z
Output load B
0
ns
tCLH
Output enable until output high Z
Output load B
0
60
ns
tOLZ
Output disable until output high Z
Output load B
0
60
ns
tOH
Output hold from address change
Output load A
18
ns


Similar Part No. - BQ4802LYDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4802LY TI-BQ4802LY Datasheet
301Kb / 23P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LY TI-BQ4802LY_13 Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
More results

Similar Description - BQ4802LYDWRG4

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
logo
Texas Instruments
BQ4802LY TI-BQ4802LY Datasheet
301Kb / 23P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LY TI-BQ4802LY_13 Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com