Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4802LYDWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ4802LYDWRG4
Description  PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4802LYDWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ4802LYDWRG4 Datasheet HTML 6Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 7Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 8Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 9Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 10Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 11Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 12Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 13Page - Texas Instruments BQ4802LYDWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
bq4802Y
bq4802LY
SLUS464C – AUGUST 2000 – REVISED JUNE 2002
www.ti.com
10
POWER-DOWN/POWER-UP TIMING (TA = TOPR)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tF
VCC slew rate fall time
3.0 V to 0 V
300
tR
VCC slew rate rise time
VSO to VPDF(max)
100
t
Interrupt delay time from V
bq4802Y
6
24
s
tPF
Interrupt delay time from VPFD
bq4802LY
10
40
µs
t
Write protect time for external SRAM
bq4802Y
See Note 1
90
100
125
tWPT
Write-protect time for external SRAM
bq4802LY
See Note 1
150
170
210
t
CS at V
after power up
bq4802Y
See Note 2
100
200
300
tCSR
CS at VHI after power-up
bq4802LY
See Note 2
170
330
500
ms
tRST
VPFD to RST active (reset active time-out period)
tCSR
tCSR
ms
tCER
Device enable recovery time
See Note 3
tCSR
tCSR
t
Device enable propagation delay time to external SRAM
bq4802Y
Output load A
9
15
ns
tCED
Device enable propagation delay time to external SRAM
bq4802LY
Output load A
15
25
ns
tPBL
Push-button low time
1
µs
(1) Delay after VCC slews down past VPFD before SRAM is write protected and RST activated.
(2) Internal write-protection period after VCC passes VPFD on power up.
(3) Time during which external SRAM is write protected after VCC passes VPFD on power up.
CAUTION:NEGATIVE UNDERSHOOTS BELOW THE ABSOLUTE MAXIMUM RATING OF –0.3 V IN BATTERY-
BACKUP MODE MAY AFFECT DATA INTEGRITY.
VPFD
VCC
2.8
VCC
CS
RST
CEIN
CEOUT
INT
VPFD
tF
tFS
VSO
VSO
VPFD(max)
tR
tCSR
tCER
tCED
tCED
tPF
VOHB
High-Z
tRST
tWPT
NOTES: A. PWRIE set to 1 to enable power fail interrupt.
B. RST and INT are open drain and require and external pullup resistor.
Figure 9. Power-Down/Power-Up Timing Diagram


Similar Part No. - BQ4802LYDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4802LY TI-BQ4802LY Datasheet
301Kb / 23P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LY TI-BQ4802LY_13 Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
More results

Similar Description - BQ4802LYDWRG4

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
logo
Texas Instruments
BQ4802LY TI-BQ4802LY Datasheet
301Kb / 23P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LY TI-BQ4802LY_13 Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
BQ4802LYPW TI1-BQ4802LYPW Datasheet
936Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR AND EXTERNAL SRAM NONVOLATILE MEMORY BACKUP
logo
Intersil Corporation
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com