Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THXR1290-0R6 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # THXR1290-0R6
Description  Through Hole Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

THXR1290-0R6 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  THXR1290-0R6 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Through Hole Power Inductors
THXR1290 Type
Mechanical Dimension:
RoHS compliant.
High current though hole type.
Magnetically shielded, suitable for hight density mounting.
High energy storage and low DCR.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
customized
inductors are available to meet your exact requirements.
Features
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
150
B
A
6.30 / 0.248
5.70 / 0.224
2x G
E
D
C
F
Electrical Characteristics : At 25 : 100KHz, 1V
oC
1. Lo is the initial inductance and the tolerance is 20%.
2. Isat is the DC current which cause the inductance drop
20% of its nominal inductance without current.
O
3. Irms is the DC current which cause the surface temperature of the part increase approximately 45 C.
OO
4. Operating temperature : -20 C to 105 C ( including self-temperature rise ).
approximately
RECOMMENDED PAD PATTERNS
UNIT : mm/inch
A = 11.90 / 0.469 Max.
B = 11.90 / 0.469 Max.
C = 3.50
0.5 / 0.138
0.020
D = 9.00 / 0.354 Max.
E = 9.48
0.5 / 0.373
0.020
PART NO.
Isat
(Adc)
Irms
(Adc)
DCR
(m )
8%
1
L
2
3
(uH)
F 0.1
(mm/inch)
F 0.1
(mm/inch)
THXR1290-R47
0.47
45.00
24.00
0.76
1.5 / 0.059
1.8 / 0.071
THXR1290-0R6
0.60
26.00
20.00
0.76
1.5 / 0.059
1.8 / 0.071
THXR1290-0R8
0.80
24.00
12.00
1.20
1.3 / 0.051
1.6 / 0.063
THXR1290-1R0
1.00
18.00
11.00
1.20
1.3 / 0.051
1.6 / 0.063
THXR1290-1R5
1.50
13.00
11.00
1.70
1.2 / 0.047
1.5 / 0.059
THXR1290-2R0
2.00
10.00
9.00
2.70
1.00 / 0.039
1.30 / 0.051
THXR1290-3R3
3.30
8.00
8.00
5.30
0.80 / 0.032
1.10 / 0.043
0.0
1.0
2.0
3.0
4.0
0
5
10
15
20
25
30
35
40
45
50
DC BIAS (A)


Similar Part No. - THXR1290-0R6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THX15 STMICROELECTRONICS-THX15 Datasheet
528Kb / 7P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Semiconductor
THX15C ASI-THX15C Datasheet
24Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
List of Unclassifed Man...
THX201 ETC-THX201 Datasheet
592Kb / 6P
   THX201
2005/12/6
THX202H ETC-THX202H Datasheet
559Kb / 21P
   PWM Controller of High-performance Current Mode
THX203H ETC-THX203H Datasheet
480Kb / 21P
   Switching Power Controller IC
More results

Similar Description - THXR1290-0R6

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
Token Electronics Indus...
TC1213 TOKEN-TC1213 Datasheet
348Kb / 2P
   TC1213 Through Hole Power Inductors
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
   DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com