Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020E5103DB300 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MMU01020E5103DB300
Description  Precision MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020E5103DB300 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MMU01020E5103DB300 Datasheet HTML 3Page - Vishay Siliconix MMU01020E5103DB300 Datasheet HTML 4Page - Vishay Siliconix MMU01020E5103DB300 Datasheet HTML 5Page - Vishay Siliconix MMU01020E5103DB300 Datasheet HTML 6Page - Vishay Siliconix MMU01020E5103DB300 Datasheet HTML 7Page - Vishay Siliconix MMU01020E5103DB300 Datasheet HTML 8Page - Vishay Siliconix MMU01020E5103DB300 Datasheet HTML 9Page - Vishay Siliconix MMU01020E5103DB300 Datasheet HTML 10Page - Vishay Siliconix MMU01020E5103DB300 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MMU 0102, MMA 0204, MMB 0207 - Precision
Vishay Beyschlag
Precision MELF Resistors
www.vishay.com
For technical questions contact: ff3bresistors@vishay.com
Document Number: 28714
42
Revision: 18-Jul-06
Notes
1. The pulse load stability of professional MELF resistors applies for precision resistors also. However, severe pulse loads are likely to
jeopardize precision stability requirements.
2. Wave soldering is not recommended.
3. Special requirements apply to MICRO-MELF, MMU 0102:
- R < 100
Ω: ± (0.15 % R + 10 mΩ)
- 100
Ω ≤ R ≤ 10 kΩ: ± 0.1 % R
- R > 10 k
Ω: ± 0.05 % R
* The quoted IEC standards are also released as EN standards with the same number and identical contents.
4.40
-
electrostatic
discharge
(Human Body
Model)
IEC 61340-3-1*;
3 pos. + 3 neg. discharges
MMU 0102: 1.5 kV
MMA 0204: 2 kV
MMB 0207: 4 kV
± (0.5 % R + 50 m
Ω)1)
4.17.2
58 (Td)
solderability
solder bath method;
SnPb40; non-activated flux;
(215 ± 3)
°C; (3 ± 0.3) s
good tinning (
≥ 95 % covered); no visible damage
solder bath method;
SnAg3Cu0,5 or SnAg3,5;
non-activated flux;
(235 ± 3)
°C; (2 ± 0.2) s
good tinning (
≥ 95 % covered); no visible damage
4.18.2
58 (TD)
resistance to
soldering heat
solder bath method;
(260 ± 5)
°C; (10 ± 1) s
note 2
± (0.05 % R + 10 m
Ω)
reflow method 2
(IR/forced gas convection);
(260 ± 5)
°C; (10 ± 1) s
± (0.01 % R +5 m
Ω)
± (0.025 % R +5 m
Ω)
4.29
45 (XA)
component
solvent
resistance
isopropyl alcohol; 50
°C;
method 2
no visible damage
4.30
45 (XA)
solvent
resistance of
marking
isopropyl alcohol; 50
°C;
method 1, toothbrush
marking legible; no visible damage
4.32
21 (Ue3)
shear (adhesion)
45 N
no visible damage
4.33
21 (Ue1)substrate
bending
depth 2 mm, 3 times
no visible damage, no open circuit in bent position
± (0.02 % R + 10 m
Ω)3)
± (0.05 % R + 10 m
Ω)3)
4.7
-
voltage proof
Urms = Uins; 60 s
no flashover or breakdown
4.35
-
flammability
IEC 60 695-11-5*, needle
flame test; 10 s
no burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2*
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
stability for product types:
STABILITY
CLASS 0.05
OR BETTER
STABILITY
CLASS 0.1
OR BETTER
STABILITY
CLASS 0.25
OR BETTER
MMU 0102
100
Ω to 100 kΩ
43
Ω to 147 kΩ
22
Ω to 332 kΩ
MMA 0204
100
Ω to 100 kΩ
43
Ω to 221 kΩ
10
Ω to 511 kΩ
MMB 0207
100
Ω to 270 kΩ
43
Ω to 510 kΩ
15
Ω to 1 MΩ


Similar Part No. - MMU01020E5103DB300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020B0000DB000 VISHAY-MMU01020B0000DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000DB200 VISHAY-MMU01020B0000DB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000DB300 VISHAY-MMU01020B0000DB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000FB000 VISHAY-MMU01020B0000FB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000FB200 VISHAY-MMU01020B0000FB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020E5103DB300

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
logo
WALSIN TECHNOLOGY CORPO...
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com