Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO15MDWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO15MDWR
Description  ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO15MDWR Datasheet(HTML) 3 Page - Texas Instruments

  ISO15MDWR Datasheet HTML 1Page - Texas Instruments ISO15MDWR Datasheet HTML 2Page - Texas Instruments ISO15MDWR Datasheet HTML 3Page - Texas Instruments ISO15MDWR Datasheet HTML 4Page - Texas Instruments ISO15MDWR Datasheet HTML 5Page - Texas Instruments ISO15MDWR Datasheet HTML 6Page - Texas Instruments ISO15MDWR Datasheet HTML 7Page - Texas Instruments ISO15MDWR Datasheet HTML 8Page - Texas Instruments ISO15MDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISO15, ISO35
ISO15M, ISO35M
www.ti.com
SLOS580F
– MAY 2008 – REVISED JANUARY 2012
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 0 mA, no load
2.5
VCC
RL = 54 Ω, See Figure 1
1.5
2
| VOD |
Differential output voltage magnitude
V
RL = 100 Ω (RS-422), See Figure 1
2
2.3
Vtest from –7 V to +12 V, See Figure 2
1.5
Change in magnitude of the differential
Δ|VOD|
See Figure 1 and Figure 2
–0.2
0
0.2
V
output voltage
VOC(SS)
Steady-state common-mode output voltage
1
2.6
3
See Figure 3
V
Change in steady-state common-mode
ΔVOC(SS)
–0.1
0.1
output voltage
VOC(pp)
Peak-to-peak common-mode output voltage See Figure 3
0.5
V
II
Input current
D, DE, VI at 0 V or VCC1
–10
10
μA
ISO15
See receiver input current
VY or VZ = 12 V
90
Other
IOZ
High-impedance state output current
VY or VZ = 12 V, VCC = 0
90
input
ISO35
μA
VY or VZ = –7 V
–10
at 0 V
VY or VZ = –7 V, VCC = 0
-10
VA or VB at –7 V
Other
input
Short-circuit output current
–250
250
mA
VA or VB at 12 V
IOS
at 0 V
COD
Differential output capacitance
VI = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
16
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 12 and Figure 13
25
50
kV/
μs
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST
MIN
TYP MAX
UNIT
CONDITIONS
tPLH, tPHL Propagation delay
340
tsk(p)
Pulse skew (|tPHL – tPLH|)
6
See Figure 4
ns
ISO15 and ISO35
120
180
300
tr, tf
Differential output signal rise time, fall time
ISO15M and ISO35M
120
180
350
tPHZ
Propagation delay, high-level-to-high-impedance output
205
See Figure 5
ns
tPZH
Propagation delay, high-impedance-to-high-level output
530
tPLZ
Propagation delay, low-level to high-impedance output
330
See Figure 6
ns
tPZL
Propagation delay, standby-to-low-level output
530
Copyright
© 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO15 ISO35 ISO15M ISO35M


Similar Part No. - ISO15MDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO15MDWR TI-ISO15MDWR Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
More results

Similar Description - ISO15MDWR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com