Electronic Components Datasheet Search |
|
SPT5400SCP Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
SPT5400SCP Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page 2 5/15/00 SPT5400 ELECTRICAL SPECIFICATIONS VDD = +5 V, VSS = –5 V, REFxx = 4.096 V, AGNDxx = GND = 0 V, RL = 10 kΩ, CL = 50 pF, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25 °C. TEST TEST SPT5400 PARAMETERS CONDITIONS LEVEL MIN TYP MAX UNITS DC Performance Resolution 13 Bits Integral Linearity VI ±0.5 ±4.0 LSB Differential Linearity Guaranteed Monotonic VI ±1.0 LSB Zero Code Error1 VI ±10.0 ±20 LSB Gain Error2 VI ±1.0 ±15 LSB Power Supply Rejection Ratio3 ∆Gain/∆VDD VI ±0.0025 %/% ∆Gain/∆VSS VI ±0.0025 %/% Load Regulation RL = ∞ to 10 kΩ V ±0.4 LSB Reference Input Ref Input Range4,5 IV AGND VDD V Ref Input Resistance5 VI 5 k Ω Analog Output Maximum Output Voltage V VDD – 0.5 V Minimum Output Voltage V VSS + 0.5 V Output Slew Rate V 2.4 V/ µs Output Settling Time6 To ±1/2 LSB of Full Scale V 7.0 µs Digital Feedthrough V 5 nV-s Digital Crosstalk V 50 nV-s Digital Inputs (VDD = 5 V ±5%) Input Voltage High VI 2.4 V Input Voltage Low VI 0.8 V Input Current (VIN = 0 V or VDD) VI 10.0 µA Input Capacitance IV 10 pF Power Supplies Positive Supply Range (VDD) VI 4.75 5.25 V Negative Supply Range (VSS) VI –5.25 –4.75 V Positive Supply Current VI 15 25 mA Negative Supply Current VI 16 25 mA Power Dissipation7 VI 155 250 mW ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C Note 1: Operation at any Absolute Maximum Rating is not implied. Operation beyond the ratings may cause damage to the device. See Electrical Specifications for proper nominal applied conditions in typical applications. Supply Voltages VDD to GND ............................................. –0.3 to +6 V VSS to GND ............................................. –6 to +0.3 V AGNDxx ..................... (GND – 0.3 V) to (VDD + 0.3 V) Input Voltages Digital Input Voltage to GND .. –0.3 V to (VDD + 0.3 V) REFxx .................. (AGNDxx – 0.3 V) to (VDD + 0.3 V) Maximum Current into REFxx Pin ................. ±10 mA Output VOUTxx ...................................................... VDD to VSS Temperature Operating Temperature, Ambient .............. 0 to +70 °C Junction Temperature .................................... +165 °C Lead Temperature, (soldering 10 seconds) ... +300 °C Storage Temperature .......................... –65 to +150 °C Power Dissipation ....................................... 1000 mW 1 Deviation of actual DAC output when all 0s are loaded to the DAC from the ideal output of –4.096 V. 2 Deviation of actual DAC output span from the ideal span of 8.191 V. 3 PSSR is tested by changing the respective supply voltage by ±5%. 4 For best performance, REF should be greater than AGND + 2 V and less than VDD – 0.6 V. The device operates with reference inputs outside this range, but performance may degrade. 5 Reference input resistance is code dependent. 6 Typical settling time with 1000 pF capacitive load is 8 µs. 7 Does not include reference power. |
Similar Part No. - SPT5400SCP |
|
Similar Description - SPT5400SCP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |