Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT5510 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SPT5510
Description  16-BIT, 200 MWPS ECL D/A CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT5510 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SPT5510 Datasheet HTML 1Page - Fairchild Semiconductor SPT5510 Datasheet HTML 2Page - Fairchild Semiconductor SPT5510 Datasheet HTML 3Page - Fairchild Semiconductor SPT5510 Datasheet HTML 4Page - Fairchild Semiconductor SPT5510 Datasheet HTML 5Page - Fairchild Semiconductor SPT5510 Datasheet HTML 6Page - Fairchild Semiconductor SPT5510 Datasheet HTML 7Page - Fairchild Semiconductor SPT5510 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
9/27/00
SPT5510
DC Performance1
Resolution
16
Bits
Differential Linearity
VI
–1.95
±0.6
1.95
LSB
Differential Linearity
TMIN–TMAX
IV
–4.0
±1.0
4.0
LSB
Integral Linearity
VI
–1.95
±0.75
1.95
LSB
Integral Linearity
TMIN–TMAX
IV
–4.0
±1.5
4.0
LSB
Integral Linearity Drift
IV
–0.2
0.2
LSB/
°C
Offset Drift
TMIN–TMAX
IV
–2.5
2.5
ppm FS/
°C
Monotonicity
V
15
Bits
Output Capacitance
V
10
pF
Gain Error
I
–2
0.4
2
% FS
Gain Error Tempco
With Ext Reference
V
50
ppm FS/
°C
Gain Error Tempco
With Internal Bandgap Ref
V
50
ppm FS/
°C
Offset Error
I
–4
4
µA
Compliance Voltage
IV
–1.2
2
V
Output Resistance
IV
0.88
1.1
1.32
k
Dynamic Performance
Conversion Rate
IV
200
MHz
Settling Time tST2
Settling to
±0.01%
V
25
ns
Settling to
±0.0008%
V
35
ns
Delay Time tD
V2
ns
Glitch Energy
V
30
pV-s
Full Scale Output Current
With On-Chip References
V
19
mA
Rise Time/Fall Time
RL = 50 Ω
V2
ns
Spurious Free Dynamic Range
ƒOUT=5 MHz; ƒCLOCK=30 MHz
10 MHz Span
V
84
dB
ƒOUT=10 MHz; ƒCLOCK=100 MHz 10 MHz Span
V
76
dB
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1
Supply Voltages
Negative supply voltage (VEE) ................................. –7 V
A/D ground voltage differential ................................ 0.5 V
Input Voltages
Digital input voltage (D15–D0, Clock)... ........... –2.5 to 0 V
Ref amp input voltage range .......................... –2.5 to 0 V
Reference input voltage range (Ref In) ...... VEE to –2.5 V
Output Currents
Bandgap reference output current .....................
±500 µA
Ref amplifier output current ................................
±2.5 mA
Temperature
Operating temperature ............................... –40 to +85
°C
Junction temperature .......................................... +150
°C
Lead, soldering (10 seconds) ............................. +250
°C
Storage .................................................... –65 to +150
°C
ELECTRICAL SPECIFICATIONS
TA= 25 °C, VEE=–5.2 V ±5%, 50% duty cycle clock, unless otherwise specified.
TEST
TEST
SPT5510
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Note: 1. Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for nominal operating
conditions.
1
Measured at 0 V output using I-V.
2
Measured as voltage settling for mid-scale transition; RL = 50 Ω.


Similar Part No. - SPT5510

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5510 CADEKA-SPT5510 Datasheet
165Kb / 8P
   16-BIT, 200 MWPS ECL D/A CONVERTER
SPT5510SIM CADEKA-SPT5510SIM Datasheet
165Kb / 8P
   16-BIT, 200 MWPS ECL D/A CONVERTER
More results

Similar Description - SPT5510

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5510 CADEKA-SPT5510 Datasheet
165Kb / 8P
   16-BIT, 200 MWPS ECL D/A CONVERTER
logo
Fairchild Semiconductor
SPT9712 FAIRCHILD-SPT9712 Datasheet
48Kb / 7P
   12-BIT, 100 MWPS ECL D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT9712 CADEKA-SPT9712 Datasheet
137Kb / 7P
   12-BIT, 100 MWPS ECL D/A CONVERTER
SPT5310 CADEKA-SPT5310 Datasheet
2Mb / 8P
   12-BIT, 250 MWPS ECL D/A CONVERTER
logo
Fairchild Semiconductor
SPT9713 FAIRCHILD-SPT9713 Datasheet
48Kb / 7P
   12-BIT, 100 MWPS TTL D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT9713 CADEKA-SPT9713 Datasheet
137Kb / 7P
   12-BIT, 100 MWPS TTL D/A CONVERTER
logo
Analog Devices
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977_15 Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977A AD-AD977A_15 Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com