Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08055G104ZAT4A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08055G104ZAT4A
Description  Y5V Dielectric
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055G104ZAT4A Datasheet(HTML) 3 Page - AVX Corporation

  08055G104ZAT4A Datasheet HTML 1Page - AVX Corporation 08055G104ZAT4A Datasheet HTML 2Page - AVX Corporation 08055G104ZAT4A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
28
Y5V Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
1210
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow Only
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
Paper/Embossed
(L) Length
MM
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(0.126 ± 0.008)
(W) Width
MM
0.30 ± 0.03
0.50 ± 0.10
.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(0.098 ± 0.008)
(t)
Terminal
MM
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
6.3
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
Cap
820
(pF)
1000
A
2200
A
4700
A
C
Cap
0.010
A
A
C
C
G
(μF)
0.022
A
C
C
G
0.047
A
C
G
G
0.10
C
G
J
K
0.22
GG
N
N
0.47
GK
N
M
1.0
G
G
N
N
N
2.2
NN
M
M
4.7
NP
N
10.0
QQ
Q
Q
22.0
QX
47.0
WVDC
6.3
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
SIZE
0201
0402
0603
0805
1206
1210
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
L
W
T
t


Similar Part No. - 08055G104ZAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08055G104ZAT4A AVX-08055G104ZAT4A Datasheet
72Kb / 3P
   Y5V DIELECTRIC GENERAL SPECIFICATIONS
08055G104ZAT4A AVX-08055G104ZAT4A Datasheet
72Kb / 3P
   Dielectric
More results

Similar Description - 08055G104ZAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025G472ZAT2A AVX-04025G472ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
1206YG335ZAT2A AVX-1206YG335ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
12105G334ZAT2A AVX-12105G334ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
04026G103ZAT2A AVX-04026G103ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
04025G223ZAT2A AVX-04025G223ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
04025G103ZAT2A AVX-04025G103ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
06036G105ZAT2A AVX-06036G105ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
06036G474ZAT2A AVX-06036G474ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
02016G103ZAT2A AVX-02016G103ZAT2A Datasheet
72Kb / 3P
   Y5V DIELECTRIC GENERAL SPECIFICATIONS
0805ZG106ZAT2A AVX-0805ZG106ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric General Specifications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com