Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE215N10E Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTE215N10E
Description  TMOS POWER FET 215 AMPERES 100 VOLTS RDS(on) = 0.0055 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTE215N10E Datasheet(HTML) 1 Page - Motorola, Inc

  MTE215N10E Datasheet HTML 1Page - Motorola, Inc MTE215N10E Datasheet HTML 2Page - Motorola, Inc MTE215N10E Datasheet HTML 3Page - Motorola, Inc MTE215N10E Datasheet HTML 4Page - Motorola, Inc MTE215N10E Datasheet HTML 5Page - Motorola, Inc MTE215N10E Datasheet HTML 6Page - Motorola, Inc MTE215N10E Datasheet HTML 7Page - Motorola, Inc MTE215N10E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
ISOTOP™ TMOS E-FET.
Power Field Effect Transistor
N–Channel Enhancement–Mode Silicon Gate
This advanced high voltage TMOS E–FET is designed to
withstand high energy in the avalanche mode and switch efficiently.
This new high energy device also offers a drain–to–source diode
with fast recovery time. Designed for high voltage, high speed
switching applications such as power supplies, PWM motor
controls and other inductive loads, the avalanche energy capability
is specified to eliminate the guesswork in designs where inductive
loads are switched and offer additional safety margin against
unexpected voltage transients.
• 2500 V RMS Isolated Isotop Package
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• Very Low Internal Parasitic Inductance
• IDSS and VDS(on) Specified at Elevated Temperature
• U. L. Recognized, File #E69369
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
100
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
100
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
215
136
860
Adc
Total Power Dissipation
Derate above 25
°C
PD
460
3.70
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 40 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy
(VDD = 25 Vdc, VGS = 10 Vdc, IL = 215 Apk, L = 0.017 mH, RG = 25 Ω,)
EAS
400
mJ
RMS Isolation Voltage
VISO
2500
Vac
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
0.28
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
ISOTOP is a trademark of SGS–THOMSON Microelectronics.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 1
Order this document
by MTE215N10E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MTE215N10E
TMOS POWER FET
215 AMPERES
100 VOLTS
RDS(on) = 0.0055 OHM
Motorola Preferred Device
D
S
G
®
SOT–227B
1
2
3
4
1. Source
2. Gate
3. Drain
4. Source 2
© Motorola, Inc. 1995


Similar Part No. - MTE215N10E

ManufacturerPart #DatasheetDescription
logo
ETA-USA
MTE200-05SX-F-W-C2 ETA-USA-MTE200-05SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
MTE200-12SX-F-W-C2 ETA-USA-MTE200-12SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
MTE200-15SX-F-W-C2 ETA-USA-MTE200-15SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
MTE200-19SX-F-W-C2 ETA-USA-MTE200-19SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
MTE200-24SX-F-W-C2 ETA-USA-MTE200-24SX-F-W-C2 Datasheet
4Mb / 3P
   200W Open Frame
More results

Similar Description - MTE215N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTY100N10E MOTOROLA-MTY100N10E Datasheet
216Kb / 8P
   TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
MTP33N10E MOTOROLA-MTP33N10E Datasheet
240Kb / 8P
   TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
MTP40N10E MOTOROLA-MTP40N10E Datasheet
160Kb / 8P
   TMOS POWER FET 40 AMPERES 100 VOLTS RDS(on) = 0.04 OHM
MTW33N10E MOTOROLA-MTW33N10E Datasheet
227Kb / 8P
   TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
MTW45N10E MOTOROLA-MTW45N10E Datasheet
155Kb / 8P
   TMOS POWER FET 45 AMPERES 100 VOLTS RDS(on) = 0.035 OHM
MTP27N10E MOTOROLA-MTP27N10E Datasheet
230Kb / 8P
   TMOS POWER FET 27 AMPERES 100 VOLTS RDS(on) = 0.07 OHM
MTP12N10E MOTOROLA-MTP12N10E Datasheet
239Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.16 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com