Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7610SIQ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SPT7610SIQ
Description  6-BIT, 1 GSPS FLASH A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7610SIQ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SPT7610SIQ Datasheet HTML 1Page - Fairchild Semiconductor SPT7610SIQ Datasheet HTML 2Page - Fairchild Semiconductor SPT7610SIQ Datasheet HTML 3Page - Fairchild Semiconductor SPT7610SIQ Datasheet HTML 4Page - Fairchild Semiconductor SPT7610SIQ Datasheet HTML 5Page - Fairchild Semiconductor SPT7610SIQ Datasheet HTML 6Page - Fairchild Semiconductor SPT7610SIQ Datasheet HTML 7Page - Fairchild Semiconductor SPT7610SIQ Datasheet HTML 8Page - Fairchild Semiconductor SPT7610SIQ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
1/21/02
SPT7610
GENERAL OVERVIEW
The SPT7610 is an ultra high-speed monolithic 6-bit
parallel flash A/D converter. The nominal conversion rate
is 1 GSPS, and the analog bandwidth is typically 1.4 GHz.
A major advance over previous flash converters is the
inclusion of 64 input preamplifiers between the reference
ladder and input comparators. (See the block diagram.)
This not only reduces clock transient kickback to the input
and reference ladder due to a low AC beta but also
reduces the effect of the dynamic state of the input signal
on the latching characteristics of the input comparators.
The preamplifiers act as buffers and stabilize the input
capacitance so that it remains constant over different
input voltage and frequency ranges. This makes the part
easier to drive than previous flash converters. The pre-
amplifiers also add a gain of two to the input signal so that
each comparator has a wider overdrive or threshold range
to “trip” into or out of the active state. This gain reduces
metastable states that can cause errors at the output.
The SPT7610 has true differential analog and digital data
paths from the preamplifiers to the output buffers (Current
Mode Logic) for reducing potential missing codes while
rejecting common mode noise. Signature errors are also
reduced by careful layout of the analog circuitry. The out-
put drive capability of the device can provide full ECL
swings into 50
Ω loads.
Only one –5.2 V power supply is required. Two external
references are applied across the internal reference lad-
der that has a resistance of 80
Ω typical (60 Ω minimum).
The top reference is typically 0 V or connected to AGND
(analog ground). The device has top force and sense pins
(VRFT and VRST) that are internally connected together.
These voltage force and sense pins can be used to mini-
mize the voltage drop across the parasitic line resistance.
The bottom reference is typically –1 V. The device also has
bottom force and sense pins (VRFB and VRSB) that are
internally connected together. These can also be used to
minimize the voltage drop across the parasitic line resis-
tance. Three additional reference taps (VR3 = –0.25 V typ,
VRM = –0.5 V typ, and VR1 = –0.75 V typ) are brought out.
These taps can be used to control the linearity error.
All logic levels are compatible with both 10K ECL or 100K
ECL. It is recommended that the clock input be driven
differentially (CLK and NCLK) to improve noise immunity
and reduce aperture jitter.
The digital outputs are split into two banks of 6-bit words
and an overrange bit. Each bank is updated at 1/2 of the
clock rate and is 180° out of phase from the other. The dif-
ferential data ready signals for each bank are provided to
accurately latch each data bank into the register. The out-
put data is in a straight binary, inverted binary, two’s
complement or inverted two’s complement format. Figure
1 shows a timing diagram of the device and shows the in-
put-to-output relationship, clock-to-output delay and out-
put latency. The SPT7610 has a built-in offset in the ÷2
clock divider (D Flip-Flop) to assure that output bank A will
come up first after power turn on.


Similar Part No. - SPT7610SIQ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610SIQ CADEKA-SPT7610SIQ Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results

Similar Description - SPT7610SIQ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com