Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CGXC7 Datasheet(PDF) 8 Page - Altera Corporation

Part # 5CGXC7
Description  Cyclone V Device Handbook
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CGXC7 Datasheet(HTML) 8 Page - Altera Corporation

Back Button 5CGXC7 Datasheet HTML 4Page - Altera Corporation 5CGXC7 Datasheet HTML 5Page - Altera Corporation 5CGXC7 Datasheet HTML 6Page - Altera Corporation 5CGXC7 Datasheet HTML 7Page - Altera Corporation 5CGXC7 Datasheet HTML 8Page - Altera Corporation 5CGXC7 Datasheet HTML 9Page - Altera Corporation 5CGXC7 Datasheet HTML 10Page - Altera Corporation 5CGXC7 Datasheet HTML 11Page - Altera Corporation 5CGXC7 Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
1–2
Chapter 1: Overview for Cyclone V Device Family
Cyclone V Features Summary
Cyclone V Device Handbook
February 2012
Altera Corporation
Volume 1: Device Overview and Datasheet
Cyclone V Features Summary
Some of the key features of the Cyclone V devices include:
Built-in hard IP blocks
Support for all mainstream single-ended and differential I/O standards including
3.3 V at up to 16 mA drive strengths
HPS for the Cyclone V SE, SX, and ST variants
Comprehensive design protection features to protect your valuable IP investments
Lowest system cost advantage—requires only two core voltages to operate, are
available in low-cost wirebond packaging, and includes innovative cost saving
features such as Configuration via Protocol (CvP) and partial reconfiguration
Table 1–1 lists a summary of the Cyclone V features.
Table 1–1. Summary of Features for Cyclone V Devices (Part 1 of 2)
Feature
Details
Technology
TSMC’s 28-nm low power (28LP) process technology
1.1-V core voltage
Low-power
high-speed serial
interface
614 Mbps to 5.0 Gbps integrated transceiver speed
Transmitter pre-emphasis and receiver equalization
Dynamic partial reconfiguration of individual channels
FPGA
General-purpose
I/Os (GPIOs)
875 Mbps LVDS receiver and 840 Mbps LVDS transmitter
400 MHz/800 Mbps external memory interface
On-chip termination (OCT)
3.3-V support with up to 16 mA drive strength
Hard IP blocks
Embedded
transceiver I/O
PCI Express® (PCIe®) Gen2 (x1 or x2) and Gen1 (x1, x2, or x4) hard IP with
multifunction support, endpoint, and root port
Variable-precision
DSP
Native support for three signal processing precision levels (three 9 x 9s, two
18 x 19s, or one 27 x 27 multiplier) in the same variable-precision DSP block
64-bit accumulator and cascade
Embedded internal coefficient memory
Preadder/subtractor for improved efficiency
Memory controller
DDR3, DDR2, LPDDR, and LPDDR2


Similar Part No. - 5CGXC7

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
5CGXFC7C6U19C6N INTEL-5CGXFC7C6U19C6N Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
logo
Altera Corporation
5CGXFC7D6 ALTERA-5CGXFC7D6 Datasheet
497Kb / 35P
   Key Advantages of Cyclone V Devices
logo
Intel Corporation
5CGXFC7D6F31I7 INTEL-5CGXFC7D6F31I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
5CGXFC9A6U19I7NSE INTEL-5CGXFC9A6U19I7NSE Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
More results

Similar Description - 5CGXC7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP4CE6F17I7N ALTERA-EP4CE6F17I7N Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
EP3C40F484A7N ALTERA-EP3C40F484A7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3C16F484I7 ALTERA-EP3C16F484I7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
C5V1-2.4 ALTERA-C5V1-2.4 Datasheet
2Mb / 385P
   Cyclone Device Handbook, Volume 1
May 2008
EP1C6F256C8N ALTERA-EP1C6F256C8N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
List of Unclassifed Man...
EP1C12F256I7N ETC2-EP1C12F256I7N Datasheet
5Mb / 385P
   Cyclone Device Handbook, Volume 1
logo
Altera Corporation
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com