Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6941A Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6941A
Description  6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6941A Datasheet(HTML) 4 Page - Texas Instruments

  PT6941A Datasheet HTML 1Page - Texas Instruments PT6941A Datasheet HTML 2Page - Texas Instruments PT6941A Datasheet HTML 3Page - Texas Instruments PT6941A Datasheet HTML 4Page - Texas Instruments PT6941A Datasheet HTML 5Page - Texas Instruments PT6941A Datasheet HTML 6Page - Texas Instruments PT6941A Datasheet HTML 7Page - Texas Instruments PT6941A Datasheet HTML 8Page - Texas Instruments PT6941A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
PT6940 Series
6-A Dual Output 5-V/3.3-V Input
Integrated Switching Regulator
Safe Operating Area Curves; Vin =5V (See Note B)
Safe Operating Area Curves; Vin =3.3V/5V (See Note B)
20
30
40
50
60
70
80
90
012
345
6
Iout (A) [Both Outputs]
200LFM
120LFM
60LFM
Nat conv
Airflow
PT6941 (3.3V/2.5V)
PT6942 (3.3V/1.8V)
PT6943 (3.3V/1.5V)
PT6944 (3.3V/1.2V)
20
30
40
50
60
70
80
90
012
345
6
Iout (A) [Both Outputs]
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
012
345
6
Iout (A) [Both Outputs]
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
012
345
6
Iout (A) [Both Outputs]
200LFM
120LFM
60LFM
Nat conv
Airflow
PT6946 (2.5V/1.8V)
20
30
40
50
60
70
80
90
012
345
6
Iout (A) [Both outputs]
200LFM
120LFM
60LFM
Nat conv
Airflow
PT6947 (2.5V/1.5V)
PT6948 (2.5V/1.2V)
20
30
40
50
60
70
80
90
01
23
456
Iout (A) [Both Outputs]
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
012
345
6
Iout (A) [Both Outputs]
200LFM
120LFM
60LFM
Nat conv
Airflow
Not Recommended For New Designs


Similar Part No. - PT6941A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6941A TI1-PT6941A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
More results

Similar Description - PT6941A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com