Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIQ1240R Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIQ1240R
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIQ1240R Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIQ1240R Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductor
SIQ1240R Type
RoHS compliant.
High current (10A, 1.4uH ), SMD type.
Magnetically shielded, suitable for hight density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Idel for power source circuits, DC-DC converter,DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.
Features
Electrical Characteristics:
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
25
: 100KHz, 0.1V
oC
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
25
Irated
(Adc)
2
PART NO.
DCR
(m ) MAX
L
(uH)
1
SIQ1240R - 1R4
1.4
7.8
10.0
SIQ1240R - 4R7
4.7
22.0
5.1
SIQ1240R - 5R6
5.6
27.0
4.7
SIQ1240R - 100
10.0
46.0
3.5
1. Tolerance of inductance :
20%.
2. Irated is the DC current which cause the inductance drop less than 25% of its nominal inductance without current
o
and the surface temperature of the part increase less than 45 C.
oo
3. Operating temperature: -20 C to 105 C (including self-temperature rise).
D
A
E
F
C
12.8
7.0
5.4
Mechanical Dimension:
UNIT:mm/inch
A = 12.2
0.3 / 0.480
0.012
B = 12.2
0.3 / 0.480
0.012
D = 7.6 0.3 / 0.299 0.012
E = 5.0 / 0.197
C = 4.0 / 0.157 Max.
F = 2.2 / 0.087
B
2.9
RECOMMENDED PAD PATTERNS


Similar Part No. - SIQ1240R

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIQ124R DELTA-SIQ124R Datasheet
84Kb / 1P
   SMT Power Inductor
SIQ124R-100 DELTA-SIQ124R-100 Datasheet
84Kb / 1P
   SMT Power Inductor
SIQ124R-101 DELTA-SIQ124R-101 Datasheet
84Kb / 1P
   SMT Power Inductor
SIQ124R-120 DELTA-SIQ124R-120 Datasheet
84Kb / 1P
   SMT Power Inductor
SIQ124R-121 DELTA-SIQ124R-121 Datasheet
84Kb / 1P
   SMT Power Inductor
More results

Similar Description - SIQ1240R

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com