Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SISH136-221 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SISH136-221
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SISH136-221 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SISH136-221 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductor
SISH136 Type
25
: 100KHz, 0.1V
oC
Features
RoHS compliant.
Low profile (7.0mm max. Height), high current (8.6A, 1uH) SMD type.
Unshielded, suitabel for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.
Electrical Characteristics:
78
0.10
1.00
10.00
100.00
CURRENT (A)
0.10
1.00
10.00
100.00
1000.00
102
681
471
331
221
151
101
680
470
330
220
150
100
6R8
4R7
3R3
2R2
1R5
1R0
2R7
R68
R33
SISH136 - 1R0
1.0
0.012
20.0
8.60
SISH136 - 2R2
2.2
0.016
16.0
7.10
SISH136 - 3R3
3.3
0.018
14.0
6.20
SISH136 - 5R6
5.6
0.025
12.0
5.30
SISH136 - 100
10.0
0.036
10.0
4.30
SISH136 - 150
15.0
0.041
8.0
4.00
SISH136 - 220
22.0
0.054
7.0
3.50
SISH136 - 330
33.0
0.075
5.5
3.00
SISH136 - 470
47.0
0.100
4.5
2.60
SISH136 - 680
68.0
0.150
3.5
2.30
SISH136 - 101
100.0
0.218
3.0
1.80
SISH136 - 151
150.0
0.287
2.6
1.50
SISH136 - 221
220.0
0.437
2.4
1.20
SISH136 - 331
330.0
0.644
1.9
1.00
SISH136 - 471
470.0
0.977
1.4
0.82
SISH136 - 681
680.0
1.380
1.2
0.72
SISH136 - 102
1000.0
2.070
1.0
0.56
PART NO.
1
L
(uH)
DCR
(
)MAX
Isat
(Adc)
2
3
Ir
(Adc)
1. Tolerance of inductance: 20%.
2. Isat is the DC current which cause the inductance drop less than 10% of its nominal inductance without current.
3. Ir is the DC current which cause the surface temperature of the part increase less than 45
4. Operating temperature : -20
to 105
(including self-temperature rise)
oC.
o
o
C
C
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
Mechanical Dimension:
A
B
F
E
D
C
UNIT:mm/inch
A = 18.5 / 0.728 Max.
B = 15.2 / 0.598 Max.
C = 7.1 / 0.280 Max.
D = 12.7 0.2 / 0.5 0.008
E = 2.54 0.2 / 0.100 0.008
F = 2.54 0.2 / 0.100 0.008
RECOMMENDED PAD PATTERNS
3.5
3.5
7.0
14.0


Similar Part No. - SISH136-221

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SISH10 SS-SISH10 Datasheet
212Kb / 2P
   NPN Transistor Bare Die
logo
Vishay Siliconix
SISH101DN VISHAY-SISH101DN Datasheet
191Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SISH101DN-T1-GE3 VISHAY-SISH101DN-T1-GE3 Datasheet
191Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SISH106DN VISHAY-SISH106DN Datasheet
189Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SISH106DN-T1-GE3 VISHAY-SISH106DN-T1-GE3 Datasheet
189Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

Similar Description - SISH136-221

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com