Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7725 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SPT7725
Description  8-BIT, 300 MSPS, FLASH A/D CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7725 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SPT7725 Datasheet HTML 1Page - Fairchild Semiconductor SPT7725 Datasheet HTML 2Page - Fairchild Semiconductor SPT7725 Datasheet HTML 3Page - Fairchild Semiconductor SPT7725 Datasheet HTML 4Page - Fairchild Semiconductor SPT7725 Datasheet HTML 5Page - Fairchild Semiconductor SPT7725 Datasheet HTML 6Page - Fairchild Semiconductor SPT7725 Datasheet HTML 7Page - Fairchild Semiconductor SPT7725 Datasheet HTML 8Page - Fairchild Semiconductor SPT7725 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
8/17/01
SPT7725
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
Unless otherwise noted, all test are pulsed
tests; therefore, TJ = TC = TA.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.
ELECTRICAL SPECIFICATIONS
TA= TMIN to TMAX, VEE=–5.2 V, RSource=50 Ω, VRBF=–2.00 V, VR2=–1.00 V, VRTF=0.00 V, ƒCLK=250 MHz, Duty Cycle=50%, unless otherwise specified.
TEST
TEST
SPT7725A
SPT7725B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Digital Inputs
Digital Input High Voltage
(MINV, LINV)
VI
–1.1
–0.7
–1.1
–0.7
Volts
Digital Input Low Voltage
(MINV, LINV)
VI
–2.0
–1.5
–2.0
–1.5
Volts
Clock Low Width, tPWL
VI
2.2
2.0
2
1.8
ns
Clock High Width, tPWH
VI
2.2
2.0
2
1.8
ns
Digital Outputs
Digital Output High Voltage
50
Ω to –2 V
VI
–1.1
–1.1
Volts
Digital Output Low Voltage
50
Ω to –2 V
VI
–1.5
–1.5
Volts
Power Supply Requirements
Supply Current
+25 °C
VI
425
550
425
550
mA
Power Dissipation
+25 °C
VI
2.2
2.9
2.2
2.9
W


Similar Part No. - SPT7725

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7725 CADEKA-SPT7725 Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
SPT7725AIG CADEKA-SPT7725AIG Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
SPT7725AIJ CADEKA-SPT7725AIJ Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
SPT7725AIQ CADEKA-SPT7725AIQ Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
SPT7725BCU CADEKA-SPT7725BCU Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results

Similar Description - SPT7725

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7725 CADEKA-SPT7725 Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com