Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIQ1055-150 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIQ1055-150
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIQ1055-150 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIQ1055-150 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductor
SIQ1055 Type
RoHS compliant.
Low profile (5.5mm max. height ), high current(14A, 1.5uH) SMD type.
Magnetically shielded, suitable for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters
inductor applications.
In addition to the standard versions shown here,
customized inductors are available to meet your exact requirements.
Features
Electrical Characteristics:
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
25
: 100KHz, 0.1V
oC
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
25
DCR
(m ) MAX.
Irms
(Adc)
3
Isat
(Adc)
2
L
(uH)
1
PART NO.
SIQ1055 - 1R5
1.5
7.0
14.00
14.00
SIQ1055 - 2R5
2.5
9.5
10.00
10.00
SIQ1055 - 3R3
3.3
12.5
9.00
9.00
SIQ1055 - 4R2
4.2
14.5
8.00
8.00
SIQ1055 - 5R8
5.8
19.5
7.00
7.00
SIQ1055 - 8R0
8.0
26.0
6.00
6.00
SIQ1055 - 100
10.0
33.0
5.00
5.00
SIQ1055 - 150
15.0
48.0
4.00
4.00
SIQ1055 - 220
22.0
73.0
3.30
3.30
SIQ1055 - 330
33.0
105
2.80
2.80
SIQ1055 - 470
47.0
145
2.40
2.40
SIQ1055 - 680
68.0
220
2.00
2.00
SIQ1055 - 101
100.0
260
1.70
1.70
SIQ1055 - 151
150.0
410
1.40
1.40
SIQ1055 - 221
200.0
740
1.10
1.10
SIQ1055 - 331
330.0
940
0.95
0.95
1. Tolerance of inductance: 1.5~331uH 30%.
2. Isat is the DC current which cause the inductance drop less than 35% of its nominal inductance without current.
3. Ir is the DC current which cause the surface temperature of the part increase less than 45
oC.
o
o
4. Operating temperature: -20 C to 105 C (including self-temperature rise).
Mechanical Dimension:
UNIT : mm/inch
A = 10.3 / 0.406 MAX.
B = 5.5 / 0.217 MAX.
D = 6.4
0.3 / 0.252
0.012
E = 4.6
0.2 / 0.181
0.008
C = 10.3 / 0.406 MAX.
F = 1.7
0.2 / 0.067
0.008
G = 5.4 / 0.213
H = 2.9 / 0.114
I = 5.0 / 0.197
J = 10.8 / 0.425
RECOMMENDED PAD PATTERNS
0.10
1.00
10.00
100.00
CURRENT (A)
0.10
1.00
10.00
100.00
1000.00
221
151
331
101
8R0
680
5R8
470
4R2
330
220
2R5
150
1R5
100
3R3
B
C
H
G
I
D
F
E
A
J


Similar Part No. - SIQ1055-150

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIQ1040 DELTA-SIQ1040 Datasheet
199Kb / 1P
   SMT Power Inductor
SIQ1040-100 DELTA-SIQ1040-100 Datasheet
199Kb / 1P
   SMT Power Inductor
SIQ1040-101 DELTA-SIQ1040-101 Datasheet
199Kb / 1P
   SMT Power Inductor
SIQ1040-150 DELTA-SIQ1040-150 Datasheet
199Kb / 1P
   SMT Power Inductor
SIQ1040-151 DELTA-SIQ1040-151 Datasheet
199Kb / 1P
   SMT Power Inductor
More results

Similar Description - SIQ1055-150

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com