Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7710AIQ Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SPT7710AIQ
Description  8-BIT, 150 MSPS, FLASH A/D CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7710AIQ Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SPT7710AIQ Datasheet HTML 4Page - Fairchild Semiconductor SPT7710AIQ Datasheet HTML 5Page - Fairchild Semiconductor SPT7710AIQ Datasheet HTML 6Page - Fairchild Semiconductor SPT7710AIQ Datasheet HTML 7Page - Fairchild Semiconductor SPT7710AIQ Datasheet HTML 8Page - Fairchild Semiconductor SPT7710AIQ Datasheet HTML 9Page - Fairchild Semiconductor SPT7710AIQ Datasheet HTML 10Page - Fairchild Semiconductor SPT7710AIQ Datasheet HTML 11Page - Fairchild Semiconductor SPT7710AIQ Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
8/17/01
SPT7710
OPERATION
The SPT7710 has 256 preamp/comparator pairs that are
each supplied with the voltage from VRTF to VRBF divided
equally by the resistive ladder as shown in the block dia-
gram. This voltage is applied to the positive input of each
preamplifier/comparator pair. An analog input voltage ap-
plied at VIN is connected to the negative inputs of each
preamplifier/comparator pair. The comparators are then
clocked through each comparator’s individual clock buffer.
When CLK pin is in the low state, the master or input stage
of the comparators compares the analog input voltage to
the respective reference voltage. When CLK changes
from low to high, the comparators are latched to the state
prior to the clock transition and output logic codes in
sequence from the top comparators, closest to VRTF (0 V),
down to the point where the magnitude of the input signal
changes sign (thermometer code). The output of each
comparator is then registered into four 64-to-6 bit decod-
ers when CLK is changed from high to low.
At the output of the decoders is a set of four 7-bit latches
that are enabled (
track) when CLK changes from high to
low. From here, the outputs of the latches are coded into
6 LSBs from 4 columns, and 4 columns are coded into
2 MSBs. Next are the MINV and LINV controls for output
inversions, which consist of a set of eight XOR gates.
Finally, 8 ECL output latches and buffers are used to drive
the external loads. The conversion takes one clock cycle
from the input to the data outputs.
Figure 3 – Timing Diagram
tPW1
N
N+2
N+1
N
N–1
tD
Data Output D0–D7
CLK
Analog Input
Clock
VIN
6 Bit Latch Output
8 Bit Latch Output
Master
Slave
CLK
Comparator Output
N+1
Data Ready
Overrange D8
Timing for PGA and Cerquad Packages Only
tPW0


Similar Part No. - SPT7710AIQ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7710AIQ CADEKA-SPT7710AIQ Datasheet
224Kb / 12P
   8-BIT, 150 MSPS, FLASH A/D CONVERTER
More results

Similar Description - SPT7710AIQ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7710 CADEKA-SPT7710 Datasheet
224Kb / 12P
   8-BIT, 150 MSPS, FLASH A/D CONVERTER
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com