Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5310ACP-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5310ACP-R2
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310ACP-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5310ACP-R2 Datasheet HTML 5Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 11Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 12Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADL5310
Rev. A | Page 9 of 20
–25
–20
–15
–10
–5
0
5
10
15
20
25
–40 –30 –20 –10
0
20
60
10
30
40
50
70
80
90
TEMPERATURE (°C)
MEAN + 3
σ
MEAN – 3
σ
Figure 21. VREF Drift vs. Temperature (3σ to Either Side of Mean)
Normalized to 25°C
–6
–4
–2
–3
–5
0
–1
2
1
4
3
6
5
–40 –30 –20 –10
0
20
60
10
30
40
50
70
80
90
TEMPERATURE (°C)
MEAN + 3
σ
MEAN – 3
σ
Figure 22. Slope Drift vs. Temperature (3σ to Either Side of Mean)
Normalized to 25°C
–150
–100
–50
0
50
100
150
200
–40 –30 –20 –10
0
20
60
10
30
40
50
70
80
90
TEMPERATURE (°C)
MEAN + 3
σ
MEAN – 3
σ
Figure 23. Intercept Drift vs. Temperature
(3σ to Either Side of Mean) Normalized to 25°C
–5
–6
–3
1
3
5
–1
–4
0
2
4
–2
–40 –30 –20 –10
0
20
60
10
30
40
50
70
80
90
TEMPERATURE (°C)
MEAN + 3
σ
MEAN – 3
σ
Figure 24. VINPT Drift vs. Temperature (3σ to Either Side of Mean)
Normalized to 25°C
–6
–5
–3
1
3
5
6
7
–1
–4
0
2
4
–2
–40 –30 –20 –10
0
20
60
10
30
40
50
70
80
90
TEMPERATURE (°C)
MEAN + 3
σ
MEAN – 3
σ
Figure 25. Slope Mismatch Drift vs. Temperature
(VY1 – VY2, 3σ to Either Side of Mean) Normalized to 25°C
–200
–150
–100
–50
0
50
100
150
200
–40 –30 –20 –10
0
20
60
10
30
40
50
70
80
90
TEMPERATURE (°C)
MEAN + 3
σ
MEAN – 3
σ
Figure 26. Intercept Mismatch Drift vs. Temperature
(IZ1 – IZ2, 3σ to Either Side of Mean) Normalized to 25°C


Similar Part No. - ADL5310ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5310ACP-R2 AD-ADL5310ACP-R2 Datasheet
665Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACP-R2 AD-ADL5310ACP-R2 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
More results

Similar Description - ADL5310ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8305 AD-AD8305 Datasheet
1Mb / 20P
   100 dB Range (10 nA to 1 mA) Logarithmic Converter
REV. A
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
   60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
REV. 0
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
AD8304 AD-AD8304 Datasheet
4Mb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
   160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
   100 dB Range Logarithmic Converter
REV. B
ADL5315 AD-ADL5315 Datasheet
407Kb / 20P
   Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com