Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADXL377Z Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-ADXL377Z
Description  Small, Low Power, 3-Axis 200 g Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADXL377Z Datasheet(HTML) 5 Page - Analog Devices

  EVAL-ADXL377Z Datasheet HTML 1Page - Analog Devices EVAL-ADXL377Z Datasheet HTML 2Page - Analog Devices EVAL-ADXL377Z Datasheet HTML 3Page - Analog Devices EVAL-ADXL377Z Datasheet HTML 4Page - Analog Devices EVAL-ADXL377Z Datasheet HTML 5Page - Analog Devices EVAL-ADXL377Z Datasheet HTML 6Page - Analog Devices EVAL-ADXL377Z Datasheet HTML 7Page - Analog Devices EVAL-ADXL377Z Datasheet HTML 8Page - Analog Devices EVAL-ADXL377Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADXL377
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RES
1
ST
2
RES
3
YOUT
4
NC
12
NC
11
NC
10
NC
9
5
6
7
8
16
15
14
13
ADXL377
TOP VIEW
(Not to Scale)
+Z
+X
+Y
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD IS NOT INTERNALLY
CONNECTED, BUT SHOULD BE SOLDERED
FOR MECHANICAL INTEGRITY.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3
RES
Reserved. This pin must be connected to GND or left open.
2
ST
Self-Test.
4
Y
OUT
Y Channel Output.
5
X
OUT
X Channel Output.
6, 7
GND
Must be connected to ground.
8 to 13
NC
No Connect. Not internally connected.
14, 15
V
S
Supply Voltage. 3.0 V typical.
16
Z
OUT
Z Channel Output.
EPAD
Exposed Pad. The exposed pad is not internally connected, but should be soldered for mechanical integrity.


Similar Part No. - EVAL-ADXL377Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADXL377Z AD-EVAL-ADXL377Z Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
More results

Similar Description - EVAL-ADXL377Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
   3-Axis, 200 g Digital Accelerometer
REV. 0
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com