Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4BS-85FS Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # D4BS-85FS
Description  The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BS-85FS Datasheet(HTML) 8 Page - Omron Electronics LLC

  D4BS-85FS Datasheet HTML 1Page - Omron Electronics LLC D4BS-85FS Datasheet HTML 2Page - Omron Electronics LLC D4BS-85FS Datasheet HTML 3Page - Omron Electronics LLC D4BS-85FS Datasheet HTML 4Page - Omron Electronics LLC D4BS-85FS Datasheet HTML 5Page - Omron Electronics LLC D4BS-85FS Datasheet HTML 6Page - Omron Electronics LLC D4BS-85FS Datasheet HTML 7Page - Omron Electronics LLC D4BS-85FS Datasheet HTML 8Page - Omron Electronics LLC D4BS-85FS Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
D4BS
8
Operation Key
Make sure that the Operation Key can be inserted properly with
a tolerance of
±0.5 mm in the upward, downward, left, or right
direction. Otherwise the D4BS may soon become damaged due to
misalignment.
Observe the specified insertion radius for the Operation Key and
insert it in a direction perpendicular to the key hole. Do not use the
D4BL operation key.
Changes in Head Mounting Direction
By removing the screws on the four corners of the head, the head can
be reset in any of four directions. The head direction can be changed
with or without the Operation Key inserted in the head. Make sure that
no foreign materials enter through the head and that the head is
tightened securely within the proper torque range.
Wiring
Do not connect the lead wires directly to the terminals. Connect the
lead wires through insulation tubes and M3.5 round crimp terminals.
Tighten each terminal screw within the proper torque range.
The proper lead wire is AWG20 to AWG14 (0.5 to 2.5 mm2) in size.
Wire using the methods shown below so that the crimp terminals are
not caught on the case or cover. Otherwise it may not be possible to
mount the cover completely and malfunctions may occur.
Conduit Opening
• Tighten the connector to a suitable torque.
• Excessive tightening torque may damage the casing.
• When using 1/2-14NPT conduits, apply sealing tape between the
connector and conduit opening to maintain the degree of protection
(IP67) of the Switch.
• If using a Pg13.5 conduit, use an ABS-08 Pg13.5 connector or an
ABS-12 Pg13.5 connector (manufactured by Nippon Flex).
• Use a connector (SC Series, sold separately) suitable for the outer
diameter of the cable.
• When wiring a 3-conduit model, securely tighten the cap screw
provided for unused conduit openings.
±0.5 or greater
±0.5 or greater
Incorrect
Incorrect
D dia.
dz dia.
dz dia.: 3.7
D dia.:
4.5
B:
7.0
L:
20.2
F:
7.7
I:
9.0 (mm)
Casing
Cover
Terminal screw
Crimp terminal
Terminal screw
Casing
Terminal screw
Cover
Crimp terminal
Correct
Correct
Incorrect
Incorrect
Crimp
terminal
Crimp terminal
Crimp terminal
Correct
Incorrect


Similar Part No. - D4BS-85FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS-85FS OMRON-D4BS-85FS Datasheet
207Kb / 9P
   Safety-door Switch
More results

Similar Description - D4BS-85FS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ASD-BIT-SET-HN PHOENIX-ASD-BIT-SET-HN Datasheet
48Kb / 3P
   Bits can be accessed quickly thanks to the user-friendly, one-handed opening mechanism
SF-BIT-SET PHOENIX-SF-BIT-SET Datasheet
47Kb / 2P
   Bits can be accessed quickly thanks to the user-friendly, one-handed opening mechanism
logo
Omron Electronics LLC
D4B-1111N OMRON-D4B-1111N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
logo
Laird Tech Smart Techno...
FG8063 LSTD-FG8063 Datasheet
1Mb / 1P
   Special UV Treated - stands up to the sun
FG24008 LSTD-FG24008 Datasheet
1Mb / 1P
   Special UV treated - stands up to the sun
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
Texas Instruments
SWRU311 TI1-SWRU311 Datasheet
1Mb / 8P
[Old version datasheet]   Opening the Box and Running the Bluetooth짰 Low Energy SimpleBLE Demo Application
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
logo
Shanghai Leiditech Elec...
PLED06F LEIDITECH-PLED06F Datasheet
591Kb / 3P
   The open LED protectorprovides a switching electronic
PLED12B LEIDITECH-PLED12B Datasheet
432Kb / 3P
   The open LED protectorprovides a switching electronic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com