Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7830SCS Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SPT7830SCS
Description  10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7830SCS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SPT7830SCS Datasheet HTML 1Page - Fairchild Semiconductor SPT7830SCS Datasheet HTML 2Page - Fairchild Semiconductor SPT7830SCS Datasheet HTML 3Page - Fairchild Semiconductor SPT7830SCS Datasheet HTML 4Page - Fairchild Semiconductor SPT7830SCS Datasheet HTML 5Page - Fairchild Semiconductor SPT7830SCS Datasheet HTML 6Page - Fairchild Semiconductor SPT7830SCS Datasheet HTML 7Page - Fairchild Semiconductor SPT7830SCS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
12/29/99
SPT7830
ELECTRICAL SPECIFICATIONS
TA = +25 °C, VDD = +5.0 V, VIN = 0 to +3 V, fCLK = 35 MHz, fS = 2.5 MSPS, VREF+ = +3.0 V, VREF– = 0.0 V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
DC Performance
Resolution
10
Bits
Differential Linearity
VI
±0.5
±1.0
LSB
Integral Linearity
VI
±1.0
±1.5
LSB
No Missing Codes
VI
Guaranteed
Analog Input
Input Voltage Range1
IV
VREF– +4%
VREF+ –6%
V
Input Resistance
VI
5
M
Input Capacitance
IV
5
pF
Input Bandwidth (Small Signal)
IV
30
MHz
Offset
IV
–2
+2
% of FSR
Gain Error
IV
–2
+2
% of FSR
Reference Input
Resistance
IV
250
280
350
Voltage Range1
VREF2
IV
–4%
0
VREF+ –∆
V
VREF+2
IV
VREF– +∆
2/3 VDD
V
VREF+ – VREF– (∆)
IV
1/10 VDD
V
Reference Settling Time
IV
90
ns
Timing Characteristics
Maximum Conversion Rate
VI
2.5
1.0
MSPS
Minimum Conversion Rate
IV
1
kSPS
Maximum External Clock Rate
VI
35
14
MHz
Minimum External Clock Rate
IV
14
kHz
Aperture Delay Time
IV
5
ns
Aperture Jitter Time
IV
5
ps
Data Output LSB Hold Time
TMIN to TMAX
IV
6
8
ns
Supply Voltages
VDD ...........................................................................+6 V
Input Voltages
Analog Input ................................................ –0.7 to +6 V
VREF+ .......................................................... –0.7 to +6 V
VREF– .......................................................... –0.7 to +6 V
Clock and SC .............................................. –0.7 to +6 V
Output
Data Out ................................................................ 10 mA
Temperature
Operating,
ambient ............................... –40 to +85
°C
junction ......................................... +175
°C
Lead, Soldering (10 seconds) ............................ +300
°C
Storage .................................................... –65 to +150
°C
Note: 1. Operation at any Absolute Maximum Ratings is not implied. See Electrical Specifications for proper nominal applied
conditions in typical applications.
1 Percentages refer to percent of [(VREF+) – (VREF–)]
2
∆ = Minimum (VREF+ – VREF–)
ABSOLUTE MAXIMUM RATING (Beyond which damage may occur)1


Similar Part No. - SPT7830SCS

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7830SCS CADEKA-SPT7830SCS Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
More results

Similar Description - SPT7830SCS

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Fairchild Semiconductor
SPT7730 FAIRCHILD-SPT7730 Datasheet
62Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
   10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
   10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com