Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4BS-7AFS Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D4BS-7AFS
Description  The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BS-7AFS Datasheet(HTML) 5 Page - Omron Electronics LLC

  D4BS-7AFS Datasheet HTML 1Page - Omron Electronics LLC D4BS-7AFS Datasheet HTML 2Page - Omron Electronics LLC D4BS-7AFS Datasheet HTML 3Page - Omron Electronics LLC D4BS-7AFS Datasheet HTML 4Page - Omron Electronics LLC D4BS-7AFS Datasheet HTML 5Page - Omron Electronics LLC D4BS-7AFS Datasheet HTML 6Page - Omron Electronics LLC D4BS-7AFS Datasheet HTML 7Page - Omron Electronics LLC D4BS-7AFS Datasheet HTML 8Page - Omron Electronics LLC D4BS-7AFS Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
D4BS
Dimensions and Operating Characteristics
(Unit: mm)
Switches
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. There are fluctuations in the contact ON/OFF timing for 2NC contacts. Confirm performance before application.
* The conduit thread varies with the model as follows:
D4BS-1
@@S, D4BS-5@@S: Pg 13.5
D4BS-2
@@S, D4BS-6@@S: G1/2
D4BS-3
@@S, D4BS-7@@S: 1/2-14NPT
31.4
17
66.4
50.9
5.3
(110)
28.5
57
63
7
41
16
34.5
75.4
71.4
17.2
35.7
38.3
51
Two caps
Cover
Two, 5
+0.15 dia.
holes (6 mm deep)
−0
Cover
1-conduit
3-conduit
D4BS-1
@@S
D4BS-2
@@S
D4BS-3
@@S
D4BS-5
@@S
D4BS-6
@@S
D4BS-7
@@S
Two, 5.3 dia.
mounting holes
Two, M4 cover
clamping screws
Four, M3.5 head
clamping screws
Four, M3.5 head
clamping screws
Six, 5.3 dia.
mounting holes
Four, M3.5 x 10 cover
clamping screws
*
*
30
±0.2
19.61 N max.
19.61 N max.
10
±5 mm
23 mm min.
19.61 N min.
20 mm min.
D4BS-1
@@S
D4BS-2
@@S
D4BS-3
@@S
Operating
characteristics
Key insertion force
Key extraction force
Pretravel (PT)
Total travel
Direct opening force
Direct opening stroke
19.61 N max.
19.61 N max.
10
±5 mm
23 mm min.
19.61 N min.
20 mm min.
D4BS-5
@@S
D4BS-6
@@S
D4BS-7
@@S
Operating
characteristics
Model
Model
Key insertion force
Key extraction force
Pretravel (PT)
Total travel
Direct opening force
Direct opening stroke
35
17
31.4
7
7.3
5.3
8
(111.5)
60
±0.2
30
±0.1
40
+1
0
41
16
34.5
77
15
43
31.5
Red
Red


Similar Part No. - D4BS-7AFS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS-15FS OMRON-D4BS-15FS Datasheet
207Kb / 9P
   Safety-door Switch
D4BS-1AFS OMRON-D4BS-1AFS Datasheet
207Kb / 9P
   Safety-door Switch
D4BS-25FS OMRON-D4BS-25FS Datasheet
207Kb / 9P
   Safety-door Switch
D4BS-2AFS OMRON-D4BS-2AFS Datasheet
207Kb / 9P
   Safety-door Switch
D4BS-45FS OMRON-D4BS-45FS Datasheet
207Kb / 9P
   Safety-door Switch
More results

Similar Description - D4BS-7AFS

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ASD-BIT-SET-HN PHOENIX-ASD-BIT-SET-HN Datasheet
48Kb / 3P
   Bits can be accessed quickly thanks to the user-friendly, one-handed opening mechanism
SF-BIT-SET PHOENIX-SF-BIT-SET Datasheet
47Kb / 2P
   Bits can be accessed quickly thanks to the user-friendly, one-handed opening mechanism
logo
Omron Electronics LLC
D4B-1111N OMRON-D4B-1111N Datasheet
2Mb / 16P
   Snap-action contact with certified direct opening operation certification
logo
Laird Tech Smart Techno...
FG8063 LSTD-FG8063 Datasheet
1Mb / 1P
   Special UV Treated - stands up to the sun
FG24008 LSTD-FG24008 Datasheet
1Mb / 1P
   Special UV treated - stands up to the sun
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
Texas Instruments
SWRU311 TI1-SWRU311 Datasheet
1Mb / 8P
[Old version datasheet]   Opening the Box and Running the Bluetooth짰 Low Energy SimpleBLE Demo Application
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
logo
Shanghai Leiditech Elec...
PLED06F LEIDITECH-PLED06F Datasheet
591Kb / 3P
   The open LED protectorprovides a switching electronic
PLED12B LEIDITECH-PLED12B Datasheet
432Kb / 3P
   The open LED protectorprovides a switching electronic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com