Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4B-1A15N Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D4B-1A15N
Description  Snap-action contact with certified direct opening operation certification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4B-1A15N Datasheet(HTML) 5 Page - Omron Electronics LLC

  D4B-1A15N Datasheet HTML 1Page - Omron Electronics LLC D4B-1A15N Datasheet HTML 2Page - Omron Electronics LLC D4B-1A15N Datasheet HTML 3Page - Omron Electronics LLC D4B-1A15N Datasheet HTML 4Page - Omron Electronics LLC D4B-1A15N Datasheet HTML 5Page - Omron Electronics LLC D4B-1A15N Datasheet HTML 6Page - Omron Electronics LLC D4B-1A15N Datasheet HTML 7Page - Omron Electronics LLC D4B-1A15N Datasheet HTML 8Page - Omron Electronics LLC D4B-1A15N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
D4B-
@N
Specifications
Standards and EC Directives
Conforms to the following EC Directives:
• Machinery Directive
• Low Voltage Directive
• EN1088
• EN50041
Certified Standards
Snap-action Models
* Adjustable roller lever, adjustable rod lever, coil spring, and plastic
rod models only.
Slow-action Models
* Adjustable roller lever, adjustable rod lever, coil spring, and plastic
rod models only.
Certified Standard Ratings
TÜV (EN60947-5-1), CCC (GB14048.5)
Note: As protection against short-circuiting, use either a gI-type or gG-type 10 A fuse that conforms to IEC60269.
UL/CSA: (UL508, CSA C22.2 No. 14)
A600
Certification body
Standard
File No.
TÜV Rheinland
EN60947-5-1
(certified direct
opening mechanism)
GS-ET-15
EN60947-5-1
(uncertified direct
opening mechanism)
J50005477
*
UL
UL508
E76675
CSA
C22.2 No. 14
LR45746
CQC (CCC)
GB14048.5
2003010305077612
J9851083
Certification body
Standard
File No.
TÜV Rheinland
EN60947-5-1
(certified direct
opening mechanism)
GS-ET-15
EN60947-5-1
(uncertified direct
opening mechanism)
J50005477
*
UL
UL508
E76675
CSA
C22.2 No. 14
LR45746
CQC (CCC)
GB14048.5
2003010305077612
J9851083
Item
Utilization category AC-15
Rated operating current (Ie)
2 A
Rated operating voltage (Ue)
400 V
Rated voltage
Carry current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
120 VAC
240 VAC
480 VAC
600 VAC
10 A
60
30
15
12
6
3
1.5
1.2
7,200
720


Similar Part No. - D4B-1A15N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA OMRON-D4BL-1CRA Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA-A OMRON-D4BL-1CRA-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB OMRON-D4BL-1CRB Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB-A OMRON-D4BL-1CRB-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
More results

Similar Description - D4B-1A15N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS OMRON-D4BS_08 Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com