Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7830SIS Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SPT7830SIS
Description  10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7830SIS Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SPT7830SIS Datasheet HTML 1Page - Fairchild Semiconductor SPT7830SIS Datasheet HTML 2Page - Fairchild Semiconductor SPT7830SIS Datasheet HTML 3Page - Fairchild Semiconductor SPT7830SIS Datasheet HTML 4Page - Fairchild Semiconductor SPT7830SIS Datasheet HTML 5Page - Fairchild Semiconductor SPT7830SIS Datasheet HTML 6Page - Fairchild Semiconductor SPT7830SIS Datasheet HTML 7Page - Fairchild Semiconductor SPT7830SIS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
12/29/99
SPT7830
Figure 1 - Analog Input Full-Scale Range
VREF+
6% of [(VREF+) - (VREF-)]
VREF-
+FS
-FS
4% of [(VREF+) - (VREF-)]
The drive requirements for the analog input are minimal
when compared to most other converters due to the
SPT7830’s extremely low input capacitance of only 5 pF and
very high input resistance of greater than 5 M
Ω.
If the input buffer amplifier supply voltages are greater than
VDD + 0.7 V or less than Ground - 0.7 V, the analog input
should be protected through a series resistor and a diode
clamping circuit as shown in figure 2.
Figure 2 - Recommended Input Protection Circuit
47
D1
D2
ADC
Buffer
AVDD
+V
-V
D1 = D2 = Hewlett Packard HP5712 or equivalent
INPUT PROTECTION
All I/O pads are protected with an on-chip protection circuit
shown in figure 3. This circuit provides ESD robustness to
>3.0 kV and prevents latch-up under severe discharge
conditions without degrading analog transition times.
Figure 3 - On-Chip Protection Circuit
VDD
Analog
Pad
120
120
MODES OF OPERATION
The SPT7830 has three modes of operation.The mode of
operation is based strictly on how the SC is used.
SINGLE SHOT MODE
When SC goes low, conversion starts on the next rising edge
of the clock (defined as the first conversion clock). The MSB
of data is valid 8 ns after the falling edge of the fourth
conversion clock. (See figure 8, Data Output Timing.)
The conversion is complete after 14 clock cycles. At the
falling edge of the fourteenth clock cycle, if SC is high (not
selected), the data output goes to a high impedance state,
and no more conversions will take place until the next SC low
event. (See the single shot mode timing diagram in figure 4.)
SYNCHRONIZED MODE
When SC goes low, conversion will start on the next rising
edge of the clock (defined as the first conversion clock). The
MSB is valid 8 ns after the falling edge of the fourth conver-
sion clock.
The first conversion is complete after 14 clock cycles. At any
time after the falling edge of the fourteenth clock cycle, SC
may go low again to initiate the next conversion. When the
SC goes low, the conversion starts on the rising edge of the
next clock. (See the synchronized mode timing diagram in
figure 5.)
The data output will go to a high impedance state until the
next conversion is initiated.
FREE RUN MODE
When SC goes low, conversion starts on the next rising edge
of the clock (defined as the first conversion clock). The MSB
data is valid 8 ns after the falling edge of the fourth conver-
sion clock.
As long as SC is held low, the device operates in the free run
mode. New conversions start after every fourteenth cycle
with valid data available 8 ns after the falling edge of the
fourth clock within each new conversion cycle.
The data output remains low between conversion cycles.
(See the free run mode timing diagram in figure 6.)


Similar Part No. - SPT7830SIS

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7830SIS CADEKA-SPT7830SIS Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
More results

Similar Description - SPT7830SIS

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Fairchild Semiconductor
SPT7730 FAIRCHILD-SPT7730 Datasheet
62Kb / 8P
   8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7824 CADEKA-SPT7824 Datasheet
198Kb / 11P
   10-BIT, 40 MSPS, TTL OUTPUT A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
   10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com