Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71312PDQNT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71312PDQNT
Description  Capacitor-Free, 150-mA, Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71312PDQNT Datasheet(HTML) 2 Page - Texas Instruments

  TLV71312PDQNT Datasheet HTML 1Page - Texas Instruments TLV71312PDQNT Datasheet HTML 2Page - Texas Instruments TLV71312PDQNT Datasheet HTML 3Page - Texas Instruments TLV71312PDQNT Datasheet HTML 4Page - Texas Instruments TLV71312PDQNT Datasheet HTML 5Page - Texas Instruments TLV71312PDQNT Datasheet HTML 6Page - Texas Instruments TLV71312PDQNT Datasheet HTML 7Page - Texas Instruments TLV71312PDQNT Datasheet HTML 8Page - Texas Instruments TLV71312PDQNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TLV713
TLV713P
SBVS195D – SEPTEMBER 2012 – REVISED JULY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)(2)
PRODUCT
VOUT
XX(X) is the nominal output voltage. For output voltages with a resolution of 100 mV, two digits are used
in the ordering number; otherwise, three digits are used (for example, 28 = 2.8 V; 475 = 4.75 V).
TLV713xx(x)Pyyyz
P is optional; devices with P have an LDO regulator with an active output discharge.
YYY is the package designator.
Z is the package quantity. R is for reel (3000 pieces), T is for tape (250 pieces).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
(2)
Output voltages from 1.0 V to 3.3 V in 50-mV increments are available. Contact the factory for details and availability.
ABSOLUTE MAXIMUM RATINGS
(1)
At TJ = +25°C, unless otherwise noted. All voltages are with respect to GND.
VALUE
MIN
MAX
UNIT
Input range, VIN
–0.3
6.0
V
Voltage
Enable range, VEN
–0.3
VIN + 0.3
V
Output range, VOUT
–0.3
6.0
V
Current
Maximum output, IOUT
Internally limited
Output short-circuit duration
Indefinite
Total power dissipation
Continuous, PDISS
See Thermal Information table
Junction range, TJ
–55
+85
°C
Temperature
Storage junction range, Tstg
–55
+150
°C
Human body model (HBM)
2000
V
Electrostatic discharge (ESD) ratings
Charged device model (CDM)
500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TLV713xx
TLV713xxP
THERMAL METRIC(1)
UNITS
DQN (X2SON)
DBV (SOT23)
4 PINS
5 PINS
θJA
Junction-to-ambient thermal resistance
255.8
213.1
θJC(top)
Junction-to-case(top) thermal resistance
159.3
110.9
θJB
Junction-to-board thermal resistance
208.2
97.4
°C/W
ψJT
Junction-to-top characterization parameter
16.2
22.0
ψJB
Junction-to-board characterization parameter
208.1
78.4
θJC(bottom)
Junction-to-case(bottom) thermal resistance
148.6
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TLV713 TLV713P


Similar Part No. - TLV71312PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71312PQDBVRQ1 TI-TLV71312PQDBVRQ1 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71312PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com