Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71312PDQNT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71312PDQNT
Description  Capacitor-Free, 150-mA, Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71312PDQNT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV71312PDQNT Datasheet HTML 5Page - Texas Instruments TLV71312PDQNT Datasheet HTML 6Page - Texas Instruments TLV71312PDQNT Datasheet HTML 7Page - Texas Instruments TLV71312PDQNT Datasheet HTML 8Page - Texas Instruments TLV71312PDQNT Datasheet HTML 9Page - Texas Instruments TLV71312PDQNT Datasheet HTML 10Page - Texas Instruments TLV71312PDQNT Datasheet HTML 11Page - Texas Instruments TLV71312PDQNT Datasheet HTML 12Page - Texas Instruments TLV71312PDQNT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Time (50 ms/s)
Channel 1
2 V
Channel 3
1 V
V
= 3 V
V
= 1.8 V
C
= C
=
IN
IN
OUT
OUT
1 F
TPS71318P
No Load
m
V
IN
G019
V
OUT
Channel 2
2 V
Channel 4
100 mA
EN
I
OUT
Time (50 ms/s)
Channel 1
2 V
Channel 3
1 V
V
= 3 V
V
= 1.8 V
C
= C
=
IN
IN
OUT
OUT
0 F
I
= 150 mA
TLV71318P
m
OUT
V
IN
G021
V
OUT
Channel 2
2 V
Channel 4
50 mA
EN
I
OUT
Time (100 s)
m
Channel 1
100 mV
Channel 3
1 V
V
= 2.3 V, V
= 1.8 V
C
= 1 F, C
= 1
OUT
IN
OUT
0 F
m
IN
OUT
m
I
= 90 mA
TLV71318P, From Design
V
IN
G022
V
OUT
Channel 2
1 V
Channel 4
50 mA
EN
I
LOAD
TLV713
TLV713P
www.ti.com
SBVS195D – SEPTEMBER 2012 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
At operating temperature range (TA = –40°C to +85°C), TA = +25°C, VIN = VOUT(NOM) + 0.5 V or 2.0 V (whichever is greater),
IOUT = 10 mA, VEN = VIN, and COUT = 1 µF, unless otherwise noted.
Figure 21. STARTUP WITH EN
Figure 22. STARTUP WITH EN
Figure 23. SHUTDOWN RESPONSE WITH ENABLE
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV713 TLV713P


Similar Part No. - TLV71312PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71312PQDBVRQ1 TI-TLV71312PQDBVRQ1 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71312PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com