Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4B-1B1RN Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # D4B-1B1RN
Description  Snap-action contact with certified direct opening operation certification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4B-1B1RN Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button D4B-1B1RN Datasheet HTML 7Page - Omron Electronics LLC D4B-1B1RN Datasheet HTML 8Page - Omron Electronics LLC D4B-1B1RN Datasheet HTML 9Page - Omron Electronics LLC D4B-1B1RN Datasheet HTML 10Page - Omron Electronics LLC D4B-1B1RN Datasheet HTML 11Page - Omron Electronics LLC D4B-1B1RN Datasheet HTML 12Page - Omron Electronics LLC D4B-1B1RN Datasheet HTML 13Page - Omron Electronics LLC D4B-1B1RN Datasheet HTML 14Page - Omron Electronics LLC D4B-1B1RN Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
D4B-
@N
11
3-conduit Switches
Note: Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
*1. The lever can be set to any desired position by turning the operating position indicator.
*2. In terms of construction, the Switch is a General-purpose Limit Switch rather than a Safety Limit Switch.
Note: Variation occurs in the simultaneity of contact opening/closing operations of 2NC contacts. Check contact operation.
*1. The operating characteristics of these Switches were measured with the roller level set at 31.5 mm.
*2. The operating characteristics of these Switches were measured with the rod level set at 140 mm.
*3. Only for slow-action models.
*4. Only for snap-action models.
*5. Reference values.
*6. Must be provided to ensure safe operation.
Model
Operating characteristics
D4B-
@@11N D4B-@@15N D4B-@@16N
*1
D4B-
@@17N
*2
Operating force
Release force
Pretravel
Overtravel
Movement differential
Direct opening travel
Direct opening force
Total travel
OF max.
RF min.
PT
PT (2nd)
*3 *5
OT min.
MD max.
*4
DOT min.
*3 *6
*4 *6
DOF min.
*6
TT
*5
9.41 N
1.47 N
21°±3°
(45°)
50°
12°
35°
55°
19.61 N
(75°)
9.41 N
1.47 N
21°±3°
(45°)
50°
12°
35°
55°
19.61 N
(75°)
9.41 N
1.47 N
21°±3°
(45°)
50°
12°
35°
55°
19.61 N
(75°)
2.12 N
0.29 N
21°±3°
(45°)
50°
12°
35°
55°
19.61 N
(75°)
17.5 dia. x 6.6 resin roller
Two, caps
3-conduit opening
Cover
Two, 5
+0.15
0
-dia.
holes (depth: 6)
40 to 42
Roller Lever
D4B-
@@11N
M5 x 12
Allen-head bolt
Operating position
indicator
*1
Six, 5.3-dia.
mounting holes
Four, M3.5 x 10
cover mounting screws
Four, M3.5 x 24.5
head
mounting screws
31.5R
27±0.2
28.5
30±0.2
40 to 42
66.4
50.9
5.3
23
PT
21°
±3°
31.5R
11.5
Six, 5.3 dia.
mounting holes
Cover
M5
× 12
Allen-head
bolt
17.5 dia.
× 7
stainless steel
roller
Four, M3.5
× 24.5
head
mounting screws
3-conduit opening
Four, M3.5
× 10 cover
mounting screws
Two, caps
17.2
38.8
35.7
97.9
75.4
71.4
59.3±0.2
18
22.5
62±1
56±1
16
28.3±1
Operating position
indicator
*1
63
57
51
Two, 5
+0.15
0
-dia.
holes (depth: 6)
Roller Lever
D4B-
@@15N
129.7±1.2
66.4
Adjustable Roller Lever
*2
D4B-
@@16N
19 dia. x 7 resin roller
Two, caps
Cover
3-conduit opening
25 to 89R
40 to 42
Two, 5
+0.15
0
-dia.
holes (depth: 6)
Operating
position
indicator
*1
M5 x 16
Allen-head
bolts
Six, 5.3-dia.
Mounting holes
Four, M3.5 x 10 Cover
mounting screws
Four, M3.5 x 24.5
head
mounting screws
Adjustable Rod Lever
*2
D4B-
@@17N
145 max.
Cover
3-conduit opening
40 to 42
Two, 5
+0.15
0
-dia.
holes (depth: 6)
3 dia. x 160
stainless steel rod
Operating position
indicator
*1
M5 x 12
Allen-head
bolts
Six, 5.3-dia.
mounting holes
Four, M3.5 x 10 cover
mounting screws
Four, M3.5 x 24.5
head
mounting screws
Two, caps


Similar Part No. - D4B-1B1RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA OMRON-D4BL-1CRA Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRA-A OMRON-D4BL-1CRA-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB OMRON-D4BL-1CRB Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4BL-1CRB-A OMRON-D4BL-1CRB-A Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
More results

Similar Description - D4B-1B1RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS OMRON-D4BS_08 Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com