Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62351DRCRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62351DRCRG4
Description  800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62351DRCRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62351DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS62351DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS62351DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS62351DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62351DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62351DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62351DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62351DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62351DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
QFN-10
CSP-12
1
FEATURES
DESCRIPTION
APPLICATIONS
FB
C2
10 F
m
A
L1
1 H
m
PVIN
TPS62350YZG
2.7V..5.5V
SW
AVIN
PGND
PGND
A
EN
VSEL
SDA
SCL
SYNC
upto3.4Mbips
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO − OutputCurrent − mA
VO
C1
VI
VO =Roof
VO =Floor
TYPICAL APPLICATION
0
EFFICIENCY vsLOADCURRENT
I2C Bus
AGND
V =3.6V
V
=1.35V
LPFM/PWMMode
I
O
TPS62350, TPS62351
TPS62352, TPS62353
TPS62354, TPS62355, TPS62356
www.ti.com .............................................................................................................................................................. SLVS540E – MAY 2006 – REVISED APRIL 2008
800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
WITH I2C™ COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
234
• 88% Efficiency at 3-MHz Operation
• 800-mA Output Current at V
I = 2.7 V
The
TPS6235x
device
is
a
high-frequency
synchronous step-down dc-dc converter optimized for
• 3-MHz Fixed Frequency Operation
battery-powered portable applications. Intended for
• Best in Class Load and Line Transient
low-power applications, the TPS6235x supports up to
• Complete 1-mm Component Profile Solution
800-mA load current and allows the use of small, low
cost inductors and capacitors.
• ±2% PWM DC Voltage Accuracy
• 35-ns Minimum On-Time
The device is ideal for mobile phones and similar
portable applications powered by a single-cell Li-Ion
• Efficiency Optimized Power-Save Mode
battery. With an output voltage range adjustable via
(Light PFM)
I2C interface down to 0.6 V, the device supports
• Transient Optimized Power-Save Mode
low-voltage
DSPs
and
processors
core
power
(Fast PFM)
supplies in smart-phones, PDAs, and handheld
computers.
• 28-µA Typical Quiescent Current
The TPS6235x operates at 3-MHz fixed switching
• I2C Compatible Interface up to 3.4 Mbps
frequency
and
enters
the
efficiency
optimized
• Pin-Selectable Output Voltage
power-save mode operation at light load currents to
• Synchronizable On the Fly to External
maintain high efficiency over the entire load current
Clock Signal
range.
In
the
shutdown
mode,
the
current
consumption is reduced to less than 2
µA.
• Available in a 10-Pin QFN (3 x 3 mm) and
12-Pin NanoFree™ (CSP) Packaging
The serial interface is compatible with Fast/Standard
and High-Speed mode I2C specification allowing
transfers at up to 3.4 Mbps. This communication
interface is used for dynamic voltage scaling with
• SmartReflex™ Compliant Power Supply
voltage steps down to 12.5 mV, for reprogramming
• Split Supply DSPs and µP Solutions
the mode of operation (Light PFM, Fast PFM or
OMAP™, XSCALE™
Forced PWM) or disable/enabling the output voltage.
• Cell Phones, Smart-Phones
• PDAs, Pocket PCs
• Digital Cameras
• Micro DC-DC Converter Modules
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree, SmartReflex, OMAP, PowerPAD are trademarks of Texas Instruments.
3
XSCALE is a trademark of Intel Corporation.
4
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62351DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62351DRCR TI-TPS62351DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62351DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com