Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75101QPWPRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS75101QPWPRG4
Description  FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75101QPWPRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS75101QPWPRG4 Datasheet HTML 5Page - Texas Instruments TPS75101QPWPRG4 Datasheet HTML 6Page - Texas Instruments TPS75101QPWPRG4 Datasheet HTML 7Page - Texas Instruments TPS75101QPWPRG4 Datasheet HTML 8Page - Texas Instruments TPS75101QPWPRG4 Datasheet HTML 9Page - Texas Instruments TPS75101QPWPRG4 Datasheet HTML 10Page - Texas Instruments TPS75101QPWPRG4 Datasheet HTML 11Page - Texas Instruments TPS75101QPWPRG4 Datasheet HTML 12Page - Texas Instruments TPS75101QPWPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
3.303
3.297
3.301
3.299
3.295
500
1500
3.305
0
1000
V
=4.3V
T =+25 C
IN
J
°
V
OUT
I
OutputCurrent
mA
-
-
OUT
V
=2.7V
T =+25 C
IN
J
°
1.502
1.499
1.501
1.5
1.498
1.503
1.497
500
1500
0
1000
I
OutputCurrent
mA
-
-
OUT
V
OUT
3.31
-
40
10
3.33
160
3.35
3.29
60
110
3.25
3.27
1 mA
1.5 A
3.23
3.37
V
=4.3V
IN
T
JunctionTemperature
C
J -
- °
V
=2.7V
IN
1.48
1.50
1.52
1.51
1.49
1.47
1.53
1 mA
1.5 A
-
40
10
160
60
110
T
JunctionTemperature
C
J -
- °
TPS751xxQ
TPS753xxQ
SLVS241C – MARCH 2000 – REVISED OCTOBER 2007
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
TPS75x33Q
TPS75x15Q
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs OUTPUT CURRENT
vs OUTPUT CURRENT
Figure 3.
Figure 4.
TPS75x33Q
TPS75x15Q
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs JUNCTION TEMPERATURE
vs JUNCTION TEMPERATURE
Figure 5.
Figure 6.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS75101QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75101QPWPRG4 TI-TPS75101QPWPRG4 Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRG4 TI1-TPS75101QPWPRG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75101QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com