Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78601DCQ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78601DCQ
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78601DCQ Datasheet(HTML) 4 Page - Texas Instruments

  TPS78601DCQ Datasheet HTML 1Page - Texas Instruments TPS78601DCQ Datasheet HTML 2Page - Texas Instruments TPS78601DCQ Datasheet HTML 3Page - Texas Instruments TPS78601DCQ Datasheet HTML 4Page - Texas Instruments TPS78601DCQ Datasheet HTML 5Page - Texas Instruments TPS78601DCQ Datasheet HTML 6Page - Texas Instruments TPS78601DCQ Datasheet HTML 7Page - Texas Instruments TPS78601DCQ Datasheet HTML 8Page - Texas Instruments TPS78601DCQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS786xx
SLVS389L – SEPTEMBER 2002 – REVISED OCTOBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating temperature range (TJ = –40°C to +125°C), VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1 mA,
COUT = 10 mF, and CNR = 0.01 mF, unless otherwise noted. Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage, VIN
(1)
2.7
5.5
V
Internal reference, VFB (TPS78601)
1.200
1.225
1.250
V
Continuous output current IOUT
0
1.5
A
Output voltage range
TPS78601
1.225
5.5 – VDO
V
TPS78601(2)
0 mA ≤ IOUT ≤ 1.5 A, VOUT + 1 V ≤ VIN ≤ 5.5 V
(1)
(0.98)VOUT
VOUT
(1.02)VOUT
V
Output
Fixed VOUT
0 mA ≤ IOUT ≤ 1.5 A, VOUT + 1 V ≤ VIN ≤ 5.5 V
(1)
–2.0
+2.0
%
voltage
Accuracy
< 5 V
Fixed VOUT
0 mA ≤ IOUT ≤ 1.5 A, VOUT + 1 V ≤ VIN ≤ 5.5 V
(1)
–3.0
+3.0
%
= 5 V
Output voltage line regulation (
ΔVOUT%/VIN)
(1)
VOUT + 1 V ≤ VIN ≤ 5.5 V
5
12
%/V
Load regulation (
ΔVOUT%/VOUT)
0 mA ≤ IOUT ≤ 1.5 A
7
mV
TPS78628
IOUT = 1.5 A
410
580
TPS78630
IOUT = 1.5 A
390
550
Dropout voltage(3)
mV
VIN = VOUT(nom) – 0.1 V
TPS78633
IOUT = 1.5 A
340
510
TPS78650
IOUT = 1.5 A
310
470
Output current limit
VOUT = 0 V
2.4
4.2
A
Ground pin current
0 mA ≤ IOUT ≤ 1.5 A
260
385
mA
Shutdown current(4)
VEN = 0 V, 2.7 V ≤ VIN ≤ 5.5 V
0.07
1
mA
FB pin current
VFB = 1.225 V
1
mA
f = 100 Hz, IOUT = 10 mA
59
f = 100 Hz, IOUT = 1.5 A
52
Power-supply ripple rejection
TPS78630
dB
f = 10 kHz, IOUT = 1.5 A
49
f = 100 kHz, IOUT = 1.5 A
32
CNR = 0.001 mF
66
CNR = 0.0047 mF
51
BW = 100 Hz to 100 kHz,
Output noise voltage (TPS78630)
mVRMS
IOUT = 1.5 A
CNR = 0.01 mF
49
CNR = 0.1 mF
48
CNR = 0.001 mF
50
Time, start-up (TPS78630)
RL = 2 Ω, COUT = 1 mF
CNR = 0.0047 mF
75
ms
CNR = 0.01 mF
110
High-level enable input voltage
2.7 V
≤ VIN ≤ 5.5 V
1.7
VIN
V
Low-level enable input voltage
2.7 V
≤ VIN ≤ 5.5 V
0
0.7
V
EN pin current
VEN = 0
–1
1
mA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
100
mV
(1)
Minimum VIN = VOUT + VDO or 2.7 V, whichever is greater. The TPS78650 is tested at VIN = 5.5 V.
(2)
Tolerance of external resistors not included in this specification.
(3)
Dropout is not measured for TPS78618 or TPS78625 since minimum VIN = 2.7 V.
(4)
For adjustable version, this applies only after VIN is applied; then VEN transitions high to low.
4
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS786xx


Similar Part No. - TPS78601DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601DCQ TI-TPS78601DCQ Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DCQ TI-TPS78601DCQ Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78601DCQ TI1-TPS78601DCQ Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78601DCQG4 TI-TPS78601DCQG4 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78601DCQG4 TI1-TPS78601DCQG4 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78601DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com