Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NL-1DFG-B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D4NL-1DFG-B
Description  Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NL-1DFG-B Datasheet(HTML) 4 Page - Omron Electronics LLC

  D4NL-1DFG-B Datasheet HTML 1Page - Omron Electronics LLC D4NL-1DFG-B Datasheet HTML 2Page - Omron Electronics LLC D4NL-1DFG-B Datasheet HTML 3Page - Omron Electronics LLC D4NL-1DFG-B Datasheet HTML 4Page - Omron Electronics LLC D4NL-1DFG-B Datasheet HTML 5Page - Omron Electronics LLC D4NL-1DFG-B Datasheet HTML 6Page - Omron Electronics LLC D4NL-1DFG-B Datasheet HTML 7Page - Omron Electronics LLC D4NL-1DFG-B Datasheet HTML 8Page - Omron Electronics LLC D4NL-1DFG-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
D4NL
4
* These models will receive Korean S-mark certification.
Head
material
Release
key
position
Release
key type
Solenoid voltage/
indicator
Lock and release
types
Contact configuration
(door open/closed
detection switch and lock
monitor switch contacts)
(slow-action)
Certified direct opening
NC contact
Conduit opening
Model
Plastic
Bottom
Standard
(metal)
Solenoid: 24 VDC
Orange LED: 10 to 115
VAC/VDC
Mechanical lock
Solenoid release
2NC/1NO+1NC/1NO
G1/2
D4NL-2EFA-B-SJ
*
M20
D4NL-4EFA-B-SJ
*
2NC/1NO+2NC
G1/2
D4NL-2FFA-B-SJ
*
M20
D4NL-4FFA-B-SJ
*
3NC+1NC/1NO
G1/2
D4NL-2GFA-B-SJ
*
M20
D4NL-4GFA-B-SJ
*
3NC+2NC
G1/2
D4NL-2HFA-B-SJ
*
M20
D4NL-4HFA-B-SJ
*
Solenoid lock
Mechanical release
2NC/1NO+1NC/1NO
G1/2
D4NL-2EFG-B-SJ
*
M20
D4NL-4EFG-B-SJ
*
2NC/1NO+2NC
G1/2
D4NL-2FFG-B-SJ
*
M20
D4NL-4FFG-B-SJ
*
3NC+1NC/1NO
G1/2
D4NL-2GFG-B-SJ
*
M20
D4NL-4GFG-B-SJ
*
3NC+2NC
G1/2
D4NL-2HFG-B-SJ
*
M20
D4NL-4HFG-B-SJ
*


Similar Part No. - D4NL-1DFG-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL-1DFG-B OMRON-D4NL-1DFG-B Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4NL-1DFG-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
   Compact Non-contact Door Switch
D4NS-1BF OMRON-D4NS-1BF Datasheet
2Mb / 12P
   Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com