Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV713185PDQNR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV713185PDQNR
Description  Capacitor-Free, 150-mA, Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV713185PDQNR Datasheet(HTML) 1 Page - Texas Instruments

  TLV713185PDQNR Datasheet HTML 1Page - Texas Instruments TLV713185PDQNR Datasheet HTML 2Page - Texas Instruments TLV713185PDQNR Datasheet HTML 3Page - Texas Instruments TLV713185PDQNR Datasheet HTML 4Page - Texas Instruments TLV713185PDQNR Datasheet HTML 5Page - Texas Instruments TLV713185PDQNR Datasheet HTML 6Page - Texas Instruments TLV713185PDQNR Datasheet HTML 7Page - Texas Instruments TLV713185PDQNR Datasheet HTML 8Page - Texas Instruments TLV713185PDQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLV713xx Series
GND
EN
IN
OUT
V
OUT
On
Off
V
IN
1
2
3
5
4
OUT
NC
IN
GND
EN
DBV PACKAGE
SOT23-5
(Top View)
DQN Package
1-mm x 1-mm X2SON
(Top View)
OUT
GND
IN
EN
4
1
3
2
TLV713
TLV713P
www.ti.com
SBVS195D – SEPTEMBER 2012 – REVISED JULY 2013
Capacitor-Free, 150-mA, Low-Dropout Regulator
with Foldback Current Limit for Portable Devices
Check for Samples: TLV713, TLV713P
1
FEATURES
DESCRIPTION
The TLV713 series of low-dropout (LDO) linear
2
Stable Operation With or Without Capacitors
regulators are low quiescent current LDOs with
Foldback Overcurrent Protection
excellent line and load transient performance and are
Package: SOT23-5 and X2SON
designed for power-sensitive applications. These
devices provide a typical accuracy of 1%.
Very Low Dropout: 230 mV at 150 mA
Accuracy: 1%
The TLV713 series is designed to be stable without
an output capacitor. The removal of the output
Low IQ: 50 µA
capacitor allows for a very small solution size.
Input Voltage Range: 1.4 V to 5.5 V
However, the TLV713 series is also stable with any
Available in Fixed-Output Voltages:
output capacitor if an output capacitor is used.
1.0 V to 3.3 V
The TLV713 also provides inrush current control
High PSRR: 65 dB at 1 kHz
during device power-up and enabling. The TLV713
limits the input current to the defined current limit to
APPLICATIONS
avoid large currents from flowing from the input
power
source.
This
functionality
is
especially
PDAs and Battery-Powered Portable Devices
important in battery-operated devices.
MP3 Players and Other Hand-Held Products
The TLV713 series is available in standard DQN and
WLAN and Other PC Add-On Cards
DBV packages. The TLV713P provides an active pull-
down circuit to quickly discharge output loads.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV713185PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71318PQDBVRQ1 TI-TLV71318PQDBVRQ1 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV713185PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com