Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4N-2B22 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # D4N-2B22
Description  Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-2B22 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button D4N-2B22 Datasheet HTML 5Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 6Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 7Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 8Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 9Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 10Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 11Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 12Page - Omron Electronics LLC D4N-2B22 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
D4N
9
Dimensions and Operating Characteristics
(Unit: mm)
Switches
1-conduit Models
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
* Refer to page 12 for details on M12 connectors.
Roller Lever (Resin Lever, Resin Roller)
D4N-1
@20
D4N-2
@20
D4N-3
@20
D4N-4
@20
D4N-9
@20 *
17.5 dia.
× 6.8
resin roller
Two, 4
+0.15 dia. holes
Depth: 5
0
30
27.5
11±0.2
47±1
40±1
(27)
21.5
22±0.2
31 max.
55
47±0.2
2.5
9±0.2
26R
18
20±0.1
22±0.1
14.2
Resin lever
2.15
±0.05R
mounting holes
Conduit cap
20.5
× 20.5
Roller Lever (Metal Lever, Resin Roller)
D4N-1
@22
D4N-2
@22
D4N-3
@22
D4N-4
@22
D4N-9
@22 *
17.5 dia.
× 6.8
resin roller
Two, 4
+0.15 dia. holes
Depth: 5
0
30
27.5
11
±0.2
45
±1
39.5
±1
(31)
21.5
22
±0.2
31 max.
55
47
±0.2
2.5
9
±0.2
26R
18
20
±0.1
22
±0.1
14.2
Metal lever
2.15
±0.05R
mounting holes
Conduit cap
20.5
× 20.5
Roller Lever (Metal Lever, Metal Roller)
D4N-1
@25
D4N-2
@25
D4N-3
@25
D4N-4
@25
D4N-9
@25 *
17.5 dia.
× 7
sintered stainless
steel roller
Two, 4
+0.15 dia. holes
Depth: 5
0
30
27.5
11
±0.2
45
±1
39.5
±1
(31)
21.5
22
±0.2
31 max.
55
47
±0.2
2.5
9
±0.2
26R
18
20
±0.1
22
±0.1
14.2
Metal lever
20.5
× 20.5
2.15
±0.05R
mounting holes
Conduit cap
Roller Lever (Metal Lever, Bearing Roller)
D4N-1
@26
D4N-2
@26
D4N-3
@26
D4N-4
@26
D4N-9
@26 *
17 dia.
× 6
Bearing roller
Two, 4
+0.15 dia. holes
Depth: 5
0
Metal lever
20.5
× 20.5
2.15
±0.05R
mounting holes
Conduit cap
30
27.5
11
±0.2
43.6
±1
39
±1
(31.5)
21.5
22
±0.2
31 max.
55
47
±0.2
2.5
9
±0.2
26R
18
20
±0.1
22
±0.1
14.2
Snap-action (1NC/1NO) (2NC), Slow-action (2NC)
(3NC)
Note: Variation occurs in the simultaneity of contact opening/closing
operations of 2NC, 2NC/1NO, and 3NC contacts. Check contact
operation.
*1. Only for snap-action models.
*2. Reference value.
*3. For safe use, always make sure that the minimum values or greater
are provided.
Model
Operating characteristics
D4N-
@120
D4N-
@220
D4N-
@B20
D4N-
@D20
D4N-
@122
D4N-
@222
D4N-
@B22
D4N-
@D22
D4N-
@125
D4N-
@225
D4N-
@B25
D4N-
@D25
D4N-
@126
D4N-
@226
D4N-
@B26
D4N-
@D26
Operating force
OF max.
5.0 N
Release force
RF min.
0.5 N
Pretravel
PT
18
° to 27°
Overtravel
OT min.
40
°
Movement differential MD max.
*1
14
°
Operating position
OP
---
Total travel
TT
*2
(80
°)
Direct opening travel DOT min.
*3
50
°
Direct opening force DOF min.
*3
20 N
Slow-action (1NC/1NO) (2NC/1NO)
*1. Reference values.
*2. Only for MBB models. (D4N-@E@@ or D4N-@F@@)
*3. For safe use, always make sure that the minimum values or greater
are provided.
Model
Operating characteristics
D4N-
@A20
D4N-
@C20
D4N-
@E20
D4N-
@F20
D4N-
@A22
D4N-
@C22
D4N-
@E22
D4N-
@F22
D4N-
@A25
D4N-
@C25
D4N-
@E25
D4N-
@F25
D4N-
@A26
D4N-
@C26
D4N-
@E26
D4N-
@F26
Operating force
OF max.
5.0 N
Release force
RF min.
0.5 N
PT (NC)
18
° to 27°
PT (NO)
*1
(44
°)
PT (NC)
*2
27.5
° to 36.5°
PT (NO)
*1, *2
(18
°)
Overtravel
OT min.
40
°
Operating position OP
---
Total travel
TT
*1
(80
°)
Direct opening travel
DOT min.
*3
50
°
Direct opening force
DOF min.
*3
20 N


Similar Part No. - D4N-2B22

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D4N-2B22

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com