Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75118QPWPG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS75118QPWPG4
Description  FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75118QPWPG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS75118QPWPG4 Datasheet HTML 1Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 2Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 3Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 4Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 5Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 6Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 7Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 8Page - Texas Instruments TPS75118QPWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS751xxQ
TPS753xxQ
SLVS241C – MARCH 2000 – REVISED OCTOBER 2007
AIRFLOW
DERATING FACTOR
BOARD
PACKAGE
(CFM)
TA < +25°C
ABOVE TA = +25°C
TA = +70°C
TA = +85°C
0
2.9 mW
23.5 mW/
°C
1.9 W
1.5 W
Low-K(1)
PWP
300
4.3 mW
34.6 mW/
°C
2.8 W
2.2 W
0
3 W
23.8 mW/
°C
1.9 W
1.5 W
High-K(2)
PWP
300
7.2 W
57.9 mW/
°C
4.6 W
3.8 W
(1)
This parameter is measured with the recommended copper heat sink pattern on a 1-layer, 5-in
נ
5-in printed circuit board (PCB), 1-ounce
copper, 2-in
נ
2-in coverage (4 in2).
(2)
This parameter is measured with the recommended copper heat sink pattern on a 8-layer, 1.5-in
נ
2-in PCB, 1-ounce copper with layers
1, 2, 4, 5, 7, and 8 at 5% coverage (0.9 in2) and layers 3 and 6 at 100% coverage (6 in2). For more information, refer to TI technical brief
SLMA002.
MIN
MAX
MAX
VIN
Input voltage range(1)
2.7
5.5
V
VOUT
Output voltage range
1.5
5
V
IOUT
Output current
0
2.0
A
TJ
Operating virtual junction temperature
–40
+125
°C
(1)
To calculate the minimum input voltage for your maximum output current, use the following equation: VIN(min) = VOUT(max) + VDO(max load).
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS75118QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75118QPWPG4 TI-TPS75118QPWPG4 Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWPG4 TI1-TPS75118QPWPG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWPG4 TI1-TPS75118QPWPG4 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75118QPWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com