Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIG4012-330 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIG4012-330
Description  SPECIFICATION FOR APPROVAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIG4012-330 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIG4012-330 Datasheet HTML 1Page - Delta Electronics, Inc. SIG4012-330 Datasheet HTML 2Page - Delta Electronics, Inc. SIG4012-330 Datasheet HTML 3Page - Delta Electronics, Inc. SIG4012-330 Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SIG4012-XXX_070
REVISION
: A5
PAGE
: 1 OF 11
SIG0412-XXX Sealed Choke Coil
1. Features
Low profile:3.9mm
x 3.9mm x 1.2mm
Low coil resistance with large currents.
High magnetic shield construction should actualize high resolution for EMC protection.
100% lead (Pb) free meet RoHS standard
2. Application
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
3. Type Designation
SIG
4012
XXX
(1)
(2)
(3)
Where
(1) Series No :
(2) Size :
4012 = 3.8mm
x 3.8mm x 1.2mm
(3) Inductance Value :
3R3 = 3.3
µH
4. Outline Dimensions
Note
This graph is only regard to dimensions spec. For outer appearance, please refer to actual product.
Code
Dimensions (mm)
L
3.8
± 0.2
W
3.8
± 0.2
T
1.2 Max
P
1.0
± 0.2
L
W
P
T
P


Similar Part No. - SIG4012-330

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIG4018 DELTA-SIG4018 Datasheet
70Kb / 1P
   SMT Power Inductor
SIG4018-100 DELTA-SIG4018-100 Datasheet
70Kb / 1P
   SMT Power Inductor
SIG4018-101 DELTA-SIG4018-101 Datasheet
70Kb / 1P
   SMT Power Inductor
SIG4018-150 DELTA-SIG4018-150 Datasheet
70Kb / 1P
   SMT Power Inductor
SIG4018-151 DELTA-SIG4018-151 Datasheet
70Kb / 1P
   SMT Power Inductor
More results

Similar Description - SIG4012-330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com