Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NL-2AFA-B4 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # D4NL-2AFA-B4
Description  Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NL-2AFA-B4 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button D4NL-2AFA-B4 Datasheet HTML 7Page - Omron Electronics LLC D4NL-2AFA-B4 Datasheet HTML 8Page - Omron Electronics LLC D4NL-2AFA-B4 Datasheet HTML 9Page - Omron Electronics LLC D4NL-2AFA-B4 Datasheet HTML 10Page - Omron Electronics LLC D4NL-2AFA-B4 Datasheet HTML 11Page - Omron Electronics LLC D4NL-2AFA-B4 Datasheet HTML 12Page - Omron Electronics LLC D4NL-2AFA-B4 Datasheet HTML 13Page - Omron Electronics LLC D4NL-2AFA-B4 Datasheet HTML 14Page - Omron Electronics LLC D4NL-2AFA-B4 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
D4NL
11
D4NL-
@@@@-BS
D4NL-
@@@@-B4S
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. There are fluctuations in the contact ON/OFF timing for Switches with multiple poles (2NC, 2NC/1NO, or 3NC). Confirm performance
before application.
Operation Keys
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Red
Black
UNLOCK
LOCK
UNLOCK
LOCK
30.5
15.5
8
15.3
10.0
4.4
28.5
59
(30.7)
(57.9)
79±0.2
(88.5)
5
4.5
(55.8)
(31.5)
(13.3)
55±0.2
(95)
(32.3)
(3)
4
4
6.5
6.5
29
29
35.5
0.5
0.5
6.5
29
32±0.2
(15.3)
Four, head mounting screws
Pre-travel distance
Five, cover
mounting screws
Release key
Indicator
Three, 4.3-dia. holes
Cap screw
Conduit cap
Conduit opening
Dummy cap
Operation Key
Operating
characteristics
Model
D4NL-
@@@@-BS
Key insertion force
Key extraction force
15 N max.
30 N max.
Pre-travel distance
9 mm max.
Movement before being
locked
3 mm min.
Red
Black
UNLOCK
LOCK
UNLOCK
LOCK
30.5
15.5
8
15.3
10.0
4.4
28.5
59
(30.7)
(57.9)
79±0.2
(88.5)
5
4.5
(55.8)
(13.3)
55±0.2
(95)
(32.3)
(3)
4
4
6.5
6.5
29
29
35.5
0.5
0.5
6.5
29
32±0.2
8
21
10.5
(15.3)
(31.5)
Four, head mounting screws
Pre-travel distance
Indicator
Three, 4.3-dia. holes
Cap screw
Conduit cap
Operation Key
Releasing tool
(provided)
M8 hexagonal material
or equivalent
Dummy
cap
Conduit opening
Release key
Five, cover
mounting screws
Operating
characteristics
Model
D4NL-
@@@@-B4S
Key insertion force
Key extraction force
15 N max.
30 N max.
Pre-travel distance
9 mm max.
Movement before being
locked
3 mm min.
30
15
7
17.5
28
4.3
13
2
13
7
D4DS-K1
Four, 2.15R
28
14
4
6.3
2
15
40
30
56
20°
13
9 dia.
4.5 dia.
8 dia.
Angle adjustment bolt
Black
D4DS-K3
3
30
13
15
24.
7
28
10.5
6
7
9
D4DS-K2
Four, 2.15R
D4DS-K5
Black
4
20.9
28
24.6
22.5
43
41
55
30
8
1
(7)
6.5
13
15
°
18
°
43
4.5
41
Mounting Holes
(Enlargement)
8
17
15


Similar Part No. - D4NL-2AFA-B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL-2AFA-B OMRON-D4NL-2AFA-B Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4NL-2AFA-B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
   Compact Non-contact Door Switch
D4NS-1BF OMRON-D4NS-1BF Datasheet
2Mb / 12P
   Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com