Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4562 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4562
Description  High Bandwidth, Analog/Video Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4562 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4562 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
• Wide bandwidth[1]:
17 MHz (HCPL-4562)
9 MHz (HCNW4562)
• High voltage gain[1]:
2.0 (HCPL-4562)
3.0 (HCNW4562)
• Low G
V temperature coefficient: -0.3%/°C
• Highly linear at low drive currents
• High-speed AlGaAs emitter
• Safety approval:
UL Recognized
– 3750Vrms for 1 minute (5000V rms for 1 minute for
HCPL-4562#020 and HCNW4562) per UL 1577
CSA Approved
IEC/EN/DIN EN 60747-5-2 Approved
– V
IORM = 1414 Vpeak for HCNW4562
• Available in 8-pin DIP and widebody packages
Applications
• Video isolation for the following standards/formats:
NTSC, PAL, SECAM, S-VHS, ANALOG RGB
• Low drive current feedback element in switching
power supplies, e.g., for ISDN networks
• A/D converter signal isolation
• Analog signal ground isolation
• High voltage insulation
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
VB
VO
GND
HCPL-4562 Functional Diagram
HCPL-4562, HCNW4562
High Bandwidth, Analog/Video Optocouplers
Data Sheet
Description
The HCPL-4562 and HCNW4562 optocouplers provide
wide bandwidth isolation for analog signals. They are ideal
for video isolation when combined with their application
circuit (Figure 4). High linearity and low phase shift are
achieved through an AlGaAs LED combined with a high
speed detector. These single channel optocouplers are
available in 8-Pin DIP and Widebody package
configurations.
Functional Diagram


Similar Part No. - HCPL-4562

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562 AVAGO-HCPL-4562 Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
Broadcom Corporation.
HCPL-4562 BOARDCOM-HCPL-4562 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
More results

Similar Description - HCPL-4562

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
   High-Linearity Analog Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com