Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78625DCQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78625DCQR
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78625DCQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS78625DCQR Datasheet HTML 6Page - Texas Instruments TPS78625DCQR Datasheet HTML 7Page - Texas Instruments TPS78625DCQR Datasheet HTML 8Page - Texas Instruments TPS78625DCQR Datasheet HTML 9Page - Texas Instruments TPS78625DCQR Datasheet HTML 10Page - Texas Instruments TPS78625DCQR Datasheet HTML 11Page - Texas Instruments TPS78625DCQR Datasheet HTML 12Page - Texas Instruments TPS78625DCQR Datasheet HTML 13Page - Texas Instruments TPS78625DCQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
V
IN
V
OUT
2.2
F
m
0.01
F
m
2.2
F
m
IN
EN
GND
OUT
NR
TPS786xx
TPS786xx
SLVS389L – SEPTEMBER 2002 – REVISED OCTOBER 2010
www.ti.com
APPLICATION INFORMATION
order for the regulator to operate properly, the current
The TPS786xx family of low-dropout (LDO) regulators
flow out of the NR pin must be at a minimum,
has
been
optimized
for
use
in
noise-sensitive
because any leakage current creates an IR drop
equipment.
The
device
features
extremely
low
across the internal resistor, thus creating an output
dropout voltages, high PSRR, ultralow output noise,
error. Therefore, the bypass capacitor must have
low quiescent current (265 mA, typically), and enable
minimal
leakage
current.
The
bypass
capacitor
input to reduce supply currents to less than 1 mA
should be no more than 0.1-mF to ensure that it is
when the regulator is turned off.
fully charged during the quickstart time provided by
the internal switch shown in the functional block
A typical application circuit is shown in Figure 24.
diagram.
For example, the TPS78630 exhibits only 48 mVRMS
of output voltage noise using a 0.1-mF ceramic
bypass
capacitor
and
a
10-mF ceramic output
capacitor. Note that the output starts up slower as the
bypass capacitance increases due to the RC time
constant at the bypass pin that is created by the
internal 250-k
Ω resistor and external capacitor.
Figure 24. Typical Application Circuit
BOARD LAYOUT RECOMMENDATIONS TO
IMPROVE PSRR AND NOISE PERFORMANCE
EXTERNAL CAPACITOR REQUIREMENTS
To improve ac measurements like PSRR, output
A 2.2-mF or larger ceramic input bypass capacitor,
noise, and transient response, it is recommended that
connected between IN and GND and located close to
the board be designed with separate ground planes
the TPS786xx, is required for stability and improves
for VIN and VOUT, with each ground plane connected
transient
response,
noise
rejection,
and
ripple
only at the ground pin of the device. In addition, the
rejection. A higher-value input capacitor may be
ground connection for the bypass capacitor should
necessary if large, fast-rise-time load transients are
connect directly to the ground pin of the device.
anticipated and the device is located several inches
from the power source.
REGULATOR MOUNTING
Like most low-dropout regulators, the TPS786xx
The tab of the SOT223-6 package is electrically
requires an output capacitor connected between OUT
connected to ground. For best thermal performance,
and GND to stabilize the internal control loop. The
the tab of the surface-mount version should be
minimum recommended capacitor is 1 mF. Any 1 mF
soldered directly to a circuit-board copper area.
or larger ceramic capacitor is suitable.
Increasing the copper area improves heat dissipation.
The internal voltage reference is a key source of
Solder pad footprint recommendations for the devices
noise in an LDO regulator. The TPS786xx has an NR
are presented in Application Report SBFA015, Solder
pin which is connected to the voltage reference
Pad Recommendations for Surface-Mount Devices,
through a 250-k
Ω internal resistor. The 250-kΩ
available from the TI web site at www.ti.com.
internal resistor, in conjunction with an external
bypass capacitor connected to the NR pin, creates a
low pass filter to reduce the voltage reference noise
and, therefore, the noise at the regulator output. In
10
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS786xx


Similar Part No. - TPS78625DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78625DCQR TI-TPS78625DCQR Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78625DCQR TI-TPS78625DCQR Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78625DCQR TI1-TPS78625DCQR Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78625DCQRG4 TI-TPS78625DCQRG4 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78625DCQRG4 TI1-TPS78625DCQRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78625DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com