Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BKH1608LL150-T Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # BKH1608LL150-T
Description  Notice for TAIYO YUDEN products
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BKH1608LL150-T Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  BKH1608LL150-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc BKH1608LL150-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc BKH1608LL150-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc BKH1608LL150-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BKH1608LL150-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BKH1608LL150-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BKH1608LL150-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BKH1608LL150-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BKH1608LL150-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
95
ELECTRICAL CHARACTERISTICS
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HS121
30
25
20
15
10
5
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HM100
300
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HM750
300
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HM121
350
300
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HM151
450
400
350
300
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
100
10000
1000
10
1
BK0402 HM181
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 LL220
100
80
60
40
20
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HS100
250
200
150
100
50
0
100
10000
1000
10
1
Frequency [MHz]
BK0402 HS700
BK0402
R
X
Z
100
10000
1000
10
1
250
200
150
100
50
100
80
60
40
20
0
100
10000
1000
10
1
Frequency [MHz]
BK0603 HS220
BK0603 HS330
100
80
60
40
20
100
10
1
1000
10000
Frequency[MHz]
R
X
0
Z
R
X
Z
100
10000
1000
10
1
250
200
150
100
50
BK0603
100
10000
1000
10
1
250
200
150
100
50
100
10000
1000
10
1
250
200
150
100
50
100
10000
1000
10
1
BK0603 HS601
1000
800
600
400
200
0
Frequency[MHz]
100
10000
1000
10
1
Z
R
X
BK0603 LL220
Frequency[MHz]
250
200
150
100
50
0
100
10000
1000
10
1
Z
BK0603 LL100
Frequency[MHz]
250
200
150
100
50
0
100
10000
1000
10
1
Z
R
X
BK0603 HM241
500
400
300
200
100
0
Frequency[MHz]
100
10000
1000
10
1
Z
X
R
BK0603 HM471
Frequency[MHz]
1000
800
600
400
200
0
100
10000
1000
10
1
Z
R
BK0603 HM601
1000
800
600
400
200
0
Z
R
BK0603 LL330
Frequency[MHz]
500
400
300
200
100
0
100
10000
1000
10
1
X
Z
BK0603 LL470
500
400
300
200
100
0
100
10
1
1000
10000
Frequency[MHz]
R
X
Z


Similar Part No. - BKH1608LL150-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BKH1608LL150-T TAIYO-YUDEN-BKH1608LL150-T Datasheet
1Mb / 27P
   MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
More results

Similar Description - BKH1608LL150-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com