Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78628KTT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS78628KTT
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78628KTT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS78628KTT Datasheet HTML 7Page - Texas Instruments TPS78628KTT Datasheet HTML 8Page - Texas Instruments TPS78628KTT Datasheet HTML 9Page - Texas Instruments TPS78628KTT Datasheet HTML 10Page - Texas Instruments TPS78628KTT Datasheet HTML 11Page - Texas Instruments TPS78628KTT Datasheet HTML 12Page - Texas Instruments TPS78628KTT Datasheet HTML 13Page - Texas Instruments TPS78628KTT Datasheet HTML 14Page - Texas Instruments TPS78628KTT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
C
1 +
(3 x 10−7) x (R1 ) R2)
(R
1 x R2)
V
OUT + VREF
1 )
R
1
R
2
R
1 +
V
OUT
V
REF
* 1
R
2
V
IN
V
OUT
2.2
F
m
C
1
R
2
2.2
F
m
IN
EN
GND
OUT
FB
TPS78601
R
1
1.8V
14.0kW
30.1kW
57.9kW
30.1kW
33pF
15pF
3.6V
OUTPUT
VOLTAGE
R
1
R
2
C
1
OUTPUTVOLTAGE
PROGRAMMINGGUIDE
TPS786xx
www.ti.com
SLVS389L – SEPTEMBER 2002 – REVISED OCTOBER 2010
PROGRAMMING THE TPS78601
The approximate value of this capacitor can be
ADJUSTABLE LDO REGULATOR
calculated using Equation 3:
The output voltage of the TPS78601 adjustable
regulator is programmed using an external resistor
(3)
divider as shown in Figure 25. The output voltage is
The suggested value of this capacitor for several
calculated using Equation 1:
resistor ratios is shown in the table below. If this
capacitor is not used (such as in a unity-gain
configuration),
then
the
minimum
recommended
(1)
output capacitor is 2.2 mF instead of 1 mF.
where:
REGULATOR PROTECTION
VREF = 1.2246 V typ (the internal reference
voltage)
The TPS786xx PMOS-pass transistor has a built-in
back diode that conducts reverse current when the
Resistors
R1 and
R2 should
be
chosen
for
input voltage drops below the output voltage (for
approximately 40-mA divider current. Lower value
example, during power down). Current is conducted
resistors
can
be
used
for
improved
noise
from the output to the input and is not internally
performance, but the device wastes more power.
limited. If extended reverse voltage operation is
Higher values should be avoided, as leakage current
anticipated, external limiting might be appropriate.
at FB increases the output voltage error.
The TPS786xx features internal current limiting and
The recommended design procedure is to choose
thermal protection. During normal operation, the
R2 = 30.1 kΩ to set the divider current at 40 mA,
TPS786xx limits output current to approximately
C1 = 15 pF for stability, and then calculate R1 using
2.8 A. When current limiting engages, the output
Equation 2:
voltage scales back linearly until the overcurrent
condition ends. While current limiting is designed to
prevent gross device failure, care should be taken not
(2)
to exceed the power dissipation ratings of the
In order to improve the stability of the adjustable
package. If the temperature of the device exceeds
version, it is suggested that a small compensation
approximately +165°C, thermal-protection circuitry
capacitor be placed between OUT and FB.
shuts it down. Once the device has cooled down to
below approximately +140°C, regulator operation
resumes.
Figure 25. TPS78601 Adjustable LDO Regulator Programming
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS786xx


Similar Part No. - TPS78628KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78628KTT TI-TPS78628KTT Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78628KTT TI-TPS78628KTT Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78628KTT TI1-TPS78628KTT Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78628KTTR TI-TPS78628KTTR Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78628KTTRG3 TI-TPS78628KTTRG3 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS78628KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com