Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4N-5C25 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D4N-5C25
Description  Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-5C25 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D4N-5C25 Datasheet HTML 2Page - Omron Electronics LLC D4N-5C25 Datasheet HTML 3Page - Omron Electronics LLC D4N-5C25 Datasheet HTML 4Page - Omron Electronics LLC D4N-5C25 Datasheet HTML 5Page - Omron Electronics LLC D4N-5C25 Datasheet HTML 6Page - Omron Electronics LLC D4N-5C25 Datasheet HTML 7Page - Omron Electronics LLC D4N-5C25 Datasheet HTML 8Page - Omron Electronics LLC D4N-5C25 Datasheet HTML 9Page - Omron Electronics LLC D4N-5C25 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
D4N
Characteristics
Note: 1. The above values are initial values.
2. Once a contact has been used to switch a standard load, it cannot be used for a load of a smaller capacity.
Doing so may result in roughening of the contact surface and contact reliability may be lost.
*1. The degree of protection is tested using the method specified by the standard (EN60947-5-1). Confirm that sealing properties are sufficient for
the operating conditions and environment beforehand. Although the switch box is protected from dust or water penetration, do not use the D4N
in places where foreign material such as dust, dirt, oil, water, or chemicals may penetrate through the head. Otherwise, accelerated wear,
Switch damage or malfunctioning may occur.
*2. The durability is for an ambient temperature of 5 to 35°C and an ambient humidity of 40% to 70%. For more details, consult your
OMRON representative.
*3. Do not pass the 3 A, 250 VAC load through more than 2 circuits.
*4. This value will vary with the switching frequency, environment, and reliability level. Confirm that correct operation is possible with the actual
load beforehand.
*5. The mechanical durability of fork lever lock models is 10,000,000 operations min.
Degree of protection
*1
IP67 (EN60947-5-1)
Durability
*2
Mechanical
15,000,000 operations min.
*5
Electrical
500,000 operations min. (3 A resistive load at 250 VAC)
*3
300,000 operations min. (10 A resistive load at 250 VAC)
Operating speed
1 to 500 mm/s (D4N-1120)
Operating frequency
30 operations/minute max.
Contact resistance
25 m
Ω max.
Minimum applicable load
*4
1 mA resistive load at 5 VDC (N-level reference value)
Rated insulation voltage (Ui)
300 V
Rated frequency
50/60 Hz
Protection against electric shock
Class II (double insulation)
Pollution degree (operating environment)
3 (EN60947-5-1)
Impulse withstand
voltage
(EN60947-5-1)
Between terminals of
same polarity
2.5 kV
Between terminals of
different polarity
4 kV
Between each terminal
and non-current carrying
metallic parts
6 kV
Insulation resistance
100 M
Ω min.
Contact gap
Snap-action: 2
× 0.5 mm min.
Slow-action: 2
× 2 mm min.
Vibration resistance
Malfunction
10 to 55 Hz, 0.75 mm single amplitude
Shock resistance
Destruction
1,000 m/s2 min.
Malfunction
300 m/s2 min.
Conditional short-circuit current
100 A (EN60947-5-1)
Conventional free air thermal current (Ith)
10 A (EN60947-5-1)
Ambient operating temperature
−30 to 70°C (with no icing)
Ambient operating humidity
95% max.
Weight
Approx. 82 g (D4N-1120)
Approx. 99 g (D4N-5120)


Similar Part No. - D4N-5C25

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
D4NE60 WXDH-D4NE60 Datasheet
1Mb / 13P
   4A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - D4N-5C25

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com